Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82374EB Datasheet(PDF) 72 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 72 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 68Page - Intel Corporation 82374EB Datasheet HTML 69Page - Intel Corporation 82374EB Datasheet HTML 70Page - Intel Corporation 82374EB Datasheet HTML 71Page - Intel Corporation 82374EB Datasheet HTML 72Page - Intel Corporation 82374EB Datasheet HTML 73Page - Intel Corporation 82374EB Datasheet HTML 74Page - Intel Corporation 82374EB Datasheet HTML 75Page - Intel Corporation 82374EB Datasheet HTML 76Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 208 page
background image
82374EB82374SB
Bit
Description
0
S-G Active
The Scatter-Gather Active bit indicates the current S-G transfer status Bit 0 will be a 1
after a S-G Start Command is issued Bit 0 will be a 0 before the Start command is issued Bit 0 will be
a 0 after terminal count on the last buffer on the channel is reached Bit 0 will also be a 0 after a S-G
Stop command has been issued Following reset or Master Clear this bit is reset to 0
3223 SCAGADSCATTER-GATHER DESCRIPTOR TABLE POINTER REGISTER
Register Location
0420h – 0423hChannels 0
0424h – 0424hChannels 1
0428h – 042BhChannels 2
042Ch – 042ChChannels 3
0434h – 0437hChannels 5
0438h – 043BhChannels 6
043Ch – 043FhChannels 7
Default Value
See below
Attribute
ReadWrite Relocateable
Size
32 Bits
The SGD Table Pointer register contains the 32 bit pointer to the first SGD entry in the SGD table in memory
Before the start of a S-G transfer this register should have been programmed to point to the first SGD in the
SGD table Following a ‘‘Start’’ command it initiates reading the first SGD entry by pointing to the first SGD
entry to be fetched from the memory Subsequently at the end of the each buffer block transfer the contents
of the SGD table pointer registers are incremented by 8 until the end of the SGD table is reached
When programmed by the CPU the SGD Table Pointer Registers can be programmed with a single 32-bit PCI
write Note that the PCEB and EISA Bus Controller will split the 32-bit write into four 8-bit writes
Following a prefetch to the address pointed to by the channel’s SGD table pointer register the new Memory
Address is loaded into the Base Address register the new Byte Count is loaded into the Base Byte Count
register and the newly fetched Next SGD replaces the current Next SGD value
The end of the SGD table is indicated by a End of Table field having a MSB equal to 1 When this value is read
during a SGD fetch the current SGD value is not replaced Instead bit 7 of the channel’s status register is set
to a 1 when the EOL is read from memory
Bit
Description
310
SGD Table Pointer
The SGD table pointer register contains a 32-bit pointer to the main memory
location where the software maintains the Scatter Gather Descriptors for the linked-list buffers
These bits are translated into A 310 signals for accessing memory on the PCI
72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com