Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82374EB Datasheet(PDF) 55 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 55 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 51Page - Intel Corporation 82374EB Datasheet HTML 52Page - Intel Corporation 82374EB Datasheet HTML 53Page - Intel Corporation 82374EB Datasheet HTML 54Page - Intel Corporation 82374EB Datasheet HTML 55Page - Intel Corporation 82374EB Datasheet HTML 56Page - Intel Corporation 82374EB Datasheet HTML 57Page - Intel Corporation 82374EB Datasheet HTML 58Page - Intel Corporation 82374EB Datasheet HTML 59Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 208 page
background image
82374EB82374SB
323 DCEMDMA CHANNEL EXTENDED MODE REGISTER
Register Location
040BhChannels 0-3
04D6hChannels 4-7
Default Value
000000xxb
Attribute
Write Only
Size
8 Bits
Each channel has an Extended Mode Register The register is used to program the DMA device data size
timing mode EOP inputoutput selection and Stop register selection When writing to the register bits 10
determine which channel’s Extended Mode Register will be written and are not stored Only bits 72 are
stored in the Extended Mode Register Four timing modes are available ISA-compatible A B and Burst
The default bit values for each DMA group are selected upon reset A Master Clear or any other programming
sequence will not set the default register settings The default programmed values for DMA1 Channels 0-3 are
8-bit IO Count by Bytes Compatible timing and EOP output The default values for DMA2 Channels 4-7 are
16-bit IO Count by Words with shifted address Compatible timing and EOP output These default settings
provide a rigorous ISA-compatible DMA implementation
NOTE
DMA1DMA2 refer to the original PC-AT implementation which used two discrete 8237 DMA control-
lers In this context DMA1 refers to DMA Channels 0-3 and DMA2 refers to DMA Channels 4-7 The
PC-AT used Channel 4 (Channel 0 of DMA2) as a cascade channel for DMA1 Consequently Chan-
nel 4 is not used in compatible DMA controllers although the compatible DMA registers are kept to
maintain compatibility with the original PC-AT Because Channel 4 is not used the DMA controller
does not support extended registers for Channel 4
Bit
Description
7
Stop Register
Bit 7 of this register selects whether or not the Stop registers associated with this
channel are to be used Normally the Stop Registers will not be used This function was added to help
support data communication or other devices that work from a ring buffer in memory Upon reset the
bit 7 is set to 0-Stop register disabled The detailed Stop register functional description discusses the
use of the Stop registers
6
EOP InputOutput
Bit 6 of the Extended Mode register selects whether the EOP signal is to be used
as an output during DMA on this channel or an input EOP will generally be used as an output as was
available on the PCAT The input function was added to support Data Communication and other
devices that would like to trigger an autoinitialize when a collision or some other event occurs The
direction of EOP is switched when DACK is changed (when a different channel wins the arbitration and
is granted the bus) There may be some overlap of the ESC driving the EOP signal along with the DMA
slave However during this overlap both devices will be driving the signal to a low level (negated) For
example assume Channel 2 is about to go inactive (DACK negated) and channel 1 is about to go
active If Channel 2 is programmed for ‘‘EOP OUT’’ and Channel 1 is programmed for ‘‘EOP IN’’ when
Channel 2’s DACK is negated and Channel 1’s DACK is asserted the ESC may be driving EOP to a
low value on behalf of Channel 2 at the same time the device connected to Channel 1 is driving EOP in
to the ESC also at an inactive level This overlap will only last until the ESC EOP output buffer is
tristated and will not effect the DMA operation Upon reset the value of bit 6 is 0 (EOP output
selected)
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com