Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82374EB Datasheet(PDF) 36 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 36 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 32Page - Intel Corporation 82374EB Datasheet HTML 33Page - Intel Corporation 82374EB Datasheet HTML 34Page - Intel Corporation 82374EB Datasheet HTML 35Page - Intel Corporation 82374EB Datasheet HTML 36Page - Intel Corporation 82374EB Datasheet HTML 37Page - Intel Corporation 82374EB Datasheet HTML 38Page - Intel Corporation 82374EB Datasheet HTML 39Page - Intel Corporation 82374EB Datasheet HTML 40Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 208 page
background image
82374EB82374SB
311 ESCIDESC ID REGISTER
Address Offset
02h
Default Value
00h
Attribute
ReadWrite
Size
8 Bits
Since the ESC configuration registers are accessed by the index addressing mechanism using IO Ports 22h
and 23h it is possible that another device in the system might use the same approach for configuration In
order to avoid contention with similar index register devices the ID register must be written with 0Fh The ESC
will not respond to accesses to any other configuration register until the ID byte has been written in the ESC ID
Register
Bit
Description
70
ESC ID Byte
These bits must be written to a value of 0Fh before the ESC will respond to any other
configuration register access After a reset has occurred all of the configuration registers except this
register are disabled
312 RIDREVISION ID REGISTER
Address Offset
08h
Default Value
02h (82374EB A-2 stepping)
03h (82374SB B-0 stepping)
Attribute
Read only
Size
8 Bits
This 8-bit register contains device stepping information Writes to this register have no effect
Bit
Description
70
Revision ID Byte
These bits contain the stepping information about the device The register is
hardwired to the default value during manufacturing The register is read only Writes have no effect on
the register value
313 MSMODE SELECT REGISTER
Address Offset
40h
Default Value
20h
Attribute
ReadWrite
Size
8 Bits
This register selects the various functional modes of the ESC
Bit
Description
7
Reserved
6
MREQ 74
PIRQ 30
Enable
This bit enables the selected (MREQ 74
PIRQ 30
functionality 1eEnabled 0eDisabled
5
Configuration RAM Address
This bit is used to enable or disable the configuration RAM Page
Address (CPG 40 ) generation If this bit is set to 1 accesses to the configuration RAM space will
generate the RAM page address on the LA 3127
pins If this bit is set to 0 the CPG 40 signals will
not be activated The default for this bit is 1
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com