Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82374EB Datasheet(PDF) 86 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 86 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 82Page - Intel Corporation 82374EB Datasheet HTML 83Page - Intel Corporation 82374EB Datasheet HTML 84Page - Intel Corporation 82374EB Datasheet HTML 85Page - Intel Corporation 82374EB Datasheet HTML 86Page - Intel Corporation 82374EB Datasheet HTML 87Page - Intel Corporation 82374EB Datasheet HTML 88Page - Intel Corporation 82374EB Datasheet HTML 89Page - Intel Corporation 82374EB Datasheet HTML 90Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 208 page
background image
82374EB82374SB
Third OCW3 provides control for reading the In-Service Register (ISR) and the Interrupt Request Register
(IRR) Either the ISR or IRR is selected for reading with a write to OCW3 Bits 0 and 1 carry the encoded
command to select either register The next IO read to the OCW3 port address will return the register status
specified during the previous write The register specified for a status read is retained by the interrupt control-
ler Therefore a write to OCW3 prior to every status read command is unnecessary provided the status read
desired is from the register selected with the last OCW3 write
Bit
Description
7
Reserved
Must be 0
6
SMM
If ESMMe1 and SMMe1 the Interrupt Controller will enter Special Mask Mode If ESMMe1
and SMMe0 the Interrupt Controller will revert to normal mask mode When ESMMe0 SMM has no
effect
5
Enable Special Mask Mode
When this bit is set to 1 it enables the SMM bit to set or reset the Special
Mask Mode When ESMMe0 the SMM bit becomes a ‘‘don’t care’’
43
OCW3 Select
When selecting OCW3 bit 3 must be a 1 and bit 4 must be 0 If bit 4 is a 1 the Interrupt
Controller interprets the write to this port as an ICW1 Therefore always ensure that bits 43 are
‘‘01b’’ when writing an OCW3
2
Poll Mode Command
When bit 2 is a 0 the Poll command is not issued When bit 2 is a 1 the next
IO read to the Interrupt Controller is treated as an Interrupt Acknowledge cycle An encoded byte is
driven onto the data bus representing the highest priority level requesting service
10
Register Read Command
Bits 10 provide control for reading the In-Service Register (ISR) and the
Interrupt Request Register (IRR) When bit 1e0 bit 0 will not effect the register read selection When
bit 1e1 bit 0 selects the register status returned following an OCW3 read If bit 0e0 the IRR will be
read If bit 0e1 the ISR will be read Following ICW initialization the default OCW3 port address read
will be ‘‘read IRR’’ To retain the current selection (read ISR or read IRR) always writea0tobit 1
when programming this register The selected register can be read repeatedly without reprogramming
OCW3 To select a new status register OCW3 must be reprogrammed prior to attempting the read
Bits 10
Function
00
No Action
01
No Action
10
Read IRQ Register
11
Read IS Register
86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com