Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82374EB Datasheet(PDF) 75 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 75 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 71Page - Intel Corporation 82374EB Datasheet HTML 72Page - Intel Corporation 82374EB Datasheet HTML 73Page - Intel Corporation 82374EB Datasheet HTML 74Page - Intel Corporation 82374EB Datasheet HTML 75Page - Intel Corporation 82374EB Datasheet HTML 76Page - Intel Corporation 82374EB Datasheet HTML 77Page - Intel Corporation 82374EB Datasheet HTML 78Page - Intel Corporation 82374EB Datasheet HTML 79Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 208 page
background image
82374EB82374SB
If a counter is programmed to readwrite two-byte counts the following precaution applies A program must
not transfer control between writing the first and second byte to another routine which also writes into that
same counter Otherwise the counter will be loaded with an incorrect count The count must always be
completely loaded with both bytes
Bits 6 and 7 are also used to select the counter for the control word you are writing
Following reset the control words for each register are undefined You must program each timer to bring it into
a known state However each counter OUT signal is reset to 0 following reset The SPKR output interrupt
controller input IRQ0 (internal) bit 5 of port 061h and the internally generated Refresh request are each reset
to 0 following reset
Bit
Description
76
Counter Select
The Counter Selection bits select the counter the control word acts upon as shown
below The Read Back Command is selected when bits 76 are both 1
Bit 76
Function
00
Counter 0 select
01
Counter 1 select
10
Counter 2 select
11
Read Back Command (see Section 332)
54
ReadWrite Select
Bits 54 are the readwrite control bits The Counter Latch Command is selected
when bits 54 are both 0 The readwrite options include readwrite least significant byte readwrite
most significant byte or readwrite the LSB and then the MSB The actual counter programming is
done through the counter IO port (040h 041h and 042h for counters 0 1 and 2 respectively)
Bit 54
Function
00
Counter Latch Command (see Section 333)
01
RW Least Significant Byte (LSB)
10
RW Most Significant Byte (MSB)
11
RW LSB then MSB
31
Counter Mode Selection
Bits 31 select one of six possible modes of operation for the counter as
shown below Note that for the fail safe timer (timer 2 counter 0) modes 1 2 3 4 and 5 are reserved
Bit 31
Mode
Function
000
0
Out signal on end of count (e0)
001
1
Hardware retriggerable one-shot (Reserved for timer 2 counter 0)
X10
2
Rate generator (divide by n counter) (Reserved for timer 2 counter 0)
X11
3
Square wave output (Reserved for timer 2 counter 0)
100
4
Software triggered strobe (Reserved for timer 2 counter 0)
101
5
Hardware triggered strobe (Reserved for timer 2 counter 0)
0
BinaryBCD Countdown Select
When bit 0e0 a binary countdown is used The largest possible
binary count is 216 When bit 0e1 a binary coded decimal (BCD) count is used The largest BCD
count allowed is 104
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com