Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82374EB Datasheet(PDF) 19 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 19 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 15Page - Intel Corporation 82374EB Datasheet HTML 16Page - Intel Corporation 82374EB Datasheet HTML 17Page - Intel Corporation 82374EB Datasheet HTML 18Page - Intel Corporation 82374EB Datasheet HTML 19Page - Intel Corporation 82374EB Datasheet HTML 20Page - Intel Corporation 82374EB Datasheet HTML 21Page - Intel Corporation 82374EB Datasheet HTML 22Page - Intel Corporation 82374EB Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 208 page
background image
82374EB82374SB
Pin Name
Type
Description
LA 3127
ts
EISA ADDRESS BUSCONFIGURATION RAM PAGE ADDRESS
These are
multiplexed signals These signals behave as the EISA address bus under all
CPG 40
conditions except during access cycle to the Configuration RAM
EISA Address Bus LA 3127
are directly connected to the EISA address bus
The ESC uses the address bus in conjunction with the BE 30
signals as inputs to
decode accesses to its internal resources except in DMA and Refresh modes
During DMA and Refresh modes these are outputs and the ESC uses these signals
in conjunction with BE 30
to drive Memory address
Configuration Ram Page Address CPG 40 are connected to Configuration SRAM
address lines During IO access to 0800h-08FFh the ESC drives these signals with
the configuration page address (the value contained in register 0C00h) The
Configuration RAM Page Address function can be disabled by setting Mode Select
register bit 5 e 0
LA 2624
ts
EISA ADDRESS BUS
These signals are directly connected to the EISA address
bus The ESC uses the address bus in conjunction with the BE 30
signals as
and
inputs to decode accesses to its internal resources except in DMA and Refresh
LA 232
modes During DMA and Refresh modes these are outputs and the ESC uses
these signals in conjunction with BE 30
to drive Memory address
BE 30
ts
BYTE ENABLES
BE 30
signals are directly connected to the EISA address bus
These signals indicate which byte on the 32-bit EISA data bus are involved in the
current cycle BE 30
are inputs during EISA master cycles which do not require
assemblydisassembly operation For EISA master assemblydisassembly cycles
ISA master cycles DMA and Refresh cycles BE 30
are outputs
BE0
Corresponds to byte lane 0-SD 70
BE1
Corresponds to byte lane 0-SD 158
BE2
Corresponds to byte lane 0-SD 2316
BE3
Corresponds to byte lane 0-SD 3124
MIO
ts
MEMORY OR IO CYCLE
MIO
signal is used to differentiate between memory
cycles and IO cycles on the EISA bus A High value on this signal indicates a
memory cycle and a Low value indicates an IO cycle MIO
is an input to the
ESC during EISA master cycles and MIO
is an output during ISA DMA and ESC
initiated Refresh cycles MIO
is floated during ISA master initiated Refresh
cycles
WR
ts
WRITE OR READ CYCLE
WR
signal is used to differentiate between write and
read cycles on the EISA bus A High value on this signal indicates a Write cycle and
a Low value indicates a Read cycle WR
is an input to the ESC during EISA
master cycles and WR
is an output during ISA DMA and Refresh cycles
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com