Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82374EB Datasheet(PDF) 31 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 31 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 27Page - Intel Corporation 82374EB Datasheet HTML 28Page - Intel Corporation 82374EB Datasheet HTML 29Page - Intel Corporation 82374EB Datasheet HTML 30Page - Intel Corporation 82374EB Datasheet HTML 31Page - Intel Corporation 82374EB Datasheet HTML 32Page - Intel Corporation 82374EB Datasheet HTML 33Page - Intel Corporation 82374EB Datasheet HTML 34Page - Intel Corporation 82374EB Datasheet HTML 35Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 208 page
background image
82374EB82374SB
2114 KEYBOARD CONTROLLER INTERFACE
Pin Name
Type
Description
KYBDCS
out
KEYBOARD CHIP SELECT
KYBDCS
is connected to the chip select of the 82C42
KYBDCS
is active for IO addresses 0060h and 0064h
ALTRST
out
ALTERNATE RESET
ALTRST
is used to reset the CPU under program control
This signal is AND’ed together externally with the reset signal (RSTAR ) from the
keyboard controller to provide a software means of resetting the CPU This provides a
faster means of reset than is provided by the Keyboard controller Writinga1tobit0in
the Port 92 register will cause this signal to pulse active (low) for approximately 4
BCLK’s Before another ALTRST
pulse can be generated bit 0 must be written back
to a 0 During reset this signal is driven low
ALTA20
out
ALTERNATE A20
ALTA20 is used to force A20M
to the CPU low for support of real
mode compatible software This signal is externally OR’ed with the ALTA20 signal
from the Keyboard controller and CPURST to control the A20M
input of the CPU
Writing a ‘‘0’’ to bit 1 of Port 92h Register will force ALTA20 inactive (low ) This in turn
will drive A20M
to the CPU low if A20GATE from the keyboard controller is also low
Writing a ‘‘1’’ to bit 1 of the Port 92h Register will force ALTA20 active (high) which in
turn will drive A20M
to the CPU high regardless of the state of ALTA20 from the
keyboard controller Upon reset this signal is driven low
ABFULL
in
AUXILIARY BUFFER FULL
ABFULL is tied directly to the ABFULL signal on the
keyboard controller on the system board This signal indicates that the keyboard
controller auxiliary buffer for the mouse interface is full See the CLKDIV Register
desciption for programming the ABFULL function If this function is not used ABFULL
should be tied low through a 1K resistor
2115 REAL TIME CLOCK INTERFACE
Pin Name
Type
Description
RTCALE
out
REAL TIME CLOCK ADDRESS LATCH ENABLE
RTCALE is directly connected to
the system Real Time Clock The RTC uses this signal to latch the appropriate memory
address A write to port 070h with the appropriate Real Time Clock memory address
that will be written to or read from will cause RTCALE to go active
RTCRD
out
REAL TIME CLOCK READ COMMANDPCI INTERRUPT REQUEST 3
This signal
pin has two functions and the function is selected via the Mode Select Register When
PIRQ3
functioning as RTCRD
this signal is asserted for IO reads from address 0071h If
the Power On Password protection is enabled (IO Port 92h bit 3e1) then for
accesses to RTC addresses 36h – 3Fh (Port 70h) RTCRD
will not be asserted For
details on PIRQ3
see the Mode Select Register description For the PIRQ3
function an external pull-up resistor (10-20 K) must be added to this signal
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com