Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82374EB Datasheet(PDF) 93 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 93 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 89Page - Intel Corporation 82374EB Datasheet HTML 90Page - Intel Corporation 82374EB Datasheet HTML 91Page - Intel Corporation 82374EB Datasheet HTML 92Page - Intel Corporation 82374EB Datasheet HTML 93Page - Intel Corporation 82374EB Datasheet HTML 94Page - Intel Corporation 82374EB Datasheet HTML 95Page - Intel Corporation 82374EB Datasheet HTML 96Page - Intel Corporation 82374EB Datasheet HTML 97Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 208 page
background image
82374EB82374SB
37 APIC Registers
This section describes the registers used to program the Advanced Programmable Interrupt Controller The
IO APIC registers are accessed by an indirect addressing scheme using two registers (IOREGSEL and
IOWIN) that are located in the CPU’s memory space (memory address specified by the APICBASE Register)
To reference an IO APIC register a Dword memory write loads the IOREGSEL Register with a 32-bit value
that specifies the APIC register The IOWIN Register then becomes a four byte window pointing to the APIC
register specified by bits 70 of the IOREGSEL Register The register address table is shown in the Address
Decode section
All APIC registers are accessed using 32-bit loads and stores This implies that to modify a field (eg bit byte)
in any register the whole 32-bit register must be read the field modified and the 32-bits written back In
addition registers that are described as 64-bits wide are accessed as multiple independent 32-bit registers
371 IOREGSELIO REGISTER SELECT REGISTER
Memory Address
FEC0 x000h (82374EB) (xeSee APICBASE Register)
FEC0 xy00h (82374SB) (xyeSee APICBASE Register)
Default Value
00h
Attribute
ReadWrite
Size
32 Bits
This register selects an IO APIC Unit register The contents of the selected 32-bit register can be manipulated
via the IO Window Register
Bit
Description
318
Reserved
70
APIC Register Address
Bits 70 specify the APIC register to be readwritten via the IOWIN
Register
372 IOWINIO WINDOW REGISTER
Memory Address
FEC0 x010h (82374EB) (xeSee APICBASE Register)
FEC0 xy10h (82374SB) (xyeSee APICBASE Register)
Default Value
00h
Attribute
ReadWrite
Size
32 Bits
This register is mapped onto the IO Unit’s register selected by the IOREGSEL Register Readabilitywritability
by software is determined by the IO APIC register that is currently selected
Bit
Description
310
APIC Register Data
Memory references to this register are mapped to the APIC register specified
by the contents of the IOREGSEL Register
93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com