Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82374EB Datasheet(PDF) 40 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 40 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 36Page - Intel Corporation 82374EB Datasheet HTML 37Page - Intel Corporation 82374EB Datasheet HTML 38Page - Intel Corporation 82374EB Datasheet HTML 39Page - Intel Corporation 82374EB Datasheet HTML 40Page - Intel Corporation 82374EB Datasheet HTML 41Page - Intel Corporation 82374EB Datasheet HTML 42Page - Intel Corporation 82374EB Datasheet HTML 43Page - Intel Corporation 82374EB Datasheet HTML 44Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 208 page
background image
82374EB82374SB
316 CLKDIVEISA CLOCK DIVISOR REGISTER
Address Offset
4Dh
Default Value
xx001000b
Attribute
ReadWrite
Size
8 Bits
This register is used to select the integer value used to divide the PCI clock (PCICLK) to generate the EISA
Bus Clock (BCLK) and enabledisable the co-processor error support In addition for the 82374SB the
register controls the ABFULL and KBFULL functions
Bit
Description
76
Reserved
5
Co-processor Error
The state of this bit determines if the FERR
signal is connected to the ESC
internal IRQ13 interrupt signal If this bit is set to 1 the ESC will assert IRQ13 to the interrupt controller
if FERR
signal is asserted If this bit is set to 0 then the FERR
signal is ignored by the ESC (ie this
signal is not connected to any logic in the ESC)
4
82374EB Reserved
82374SB ABFULL (With IRQ12)
When bit 4e0 the internal IRQ12 is directed to the interrupt
controller and transitions on ABFULL have no affect on this interrupt signal When bit 4e1 the
assertion of ABFULL is latched and directed to the internal IRQ12 signal in the following manner
 If the interrupt controller is programmed for edge detect mode on IRQ12 a low-to-high transition is
generated on the internal IRQ12 signal Transitions on the IRQ12 input pin are not reflected on the
internal IRQ12 signal
 If the interrupt controller is programmed for level-sensitive mode a high-to-low transition is
generated on the internal IRQ12 signal Transitions on the IRQ12 input pin are also reflected on the
internal IRQ12 signal
The latching of the ABFULL signal is cleared by an IO read of address 60h (no aliasing) or by a hard
reset
3
82374EB Reserved
82374SB Keyboard Full (KBFULL)
This bit selects the edge-detect KBFULL function on the IRQ1
input signal When bit 3e0 IRQ1 is directed to the interrupt controller When bit 3e1 (default) IRQ1
is latched and directed to the interrupt controller The latched IRQ1 is cleared by an IO read of
address 60h (no aliasing) or by a hard reset
20
Clock Divisor
These bits are used to select the integer that is used to divide the PCICLK down to
generate the BCLK Upon reset these bits are set to 000b (divisor of 4)
Bit 20
Divisor
BCLK
000
4 (3333 MHz)
833 MHz
001
3 (25 MHz)
833 MHz
010
Reserved
011
Reserved
1xx
Reserved
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com