Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82374EB Datasheet(PDF) 64 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 64 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 60Page - Intel Corporation 82374EB Datasheet HTML 61Page - Intel Corporation 82374EB Datasheet HTML 62Page - Intel Corporation 82374EB Datasheet HTML 63Page - Intel Corporation 82374EB Datasheet HTML 64Page - Intel Corporation 82374EB Datasheet HTML 65Page - Intel Corporation 82374EB Datasheet HTML 66Page - Intel Corporation 82374EB Datasheet HTML 67Page - Intel Corporation 82374EB Datasheet HTML 68Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 208 page
background image
82374EB82374SB
3211 DMA MEMORY LOW PAGE REGISTER DMA MEMORY BASE LOW PAGE REGISTER
Register Location
087hDMA Channel 0
083hDMA Channel 1
081hDMA Channel 2
082hDMA Channel 3
08BhDMA Channel 5
089hDMA Channel 6
08AhDMA Channel 7
Default Value
00h
Attribute
ReadWrite
Size
8 Bits per channel
Each channel has an 8-bit Low Page register associated with it The DMA memory Low Page register contains
the eight second most-significant bits of the 32-bit address It works in conjunction with the DMA controller’s
High Page register and Current Address register to define the complete (32-bit) address for the DMA channel
This 8-bit register is read or written directly by the processor or bus master It may also be re-initialized by an
autoinitialize back to its original value autoinitialize takes place only after a TC or EOP
Each channel has a Base Low Page Address register located at the same port address as the corresponding
Current Low Page register These registers store the original value of their associated Current Low Page
registers During autoinitialize these values are used to restore the Current Low Page registers to their original
values The 8-bit Base Low Page registers are written simultaneously with their corresponding Current Low
Page register by the microprocessor The Base Low Page registers cannot be read by any external agents
During Scatter-Gather these registers store the 8 bits from the third byte of the current memory address
During a Scatter-Gather transfer the DMA will load a reserve buffer into the base memory address register
In Chaining Mode these register store the 8 bits from the third byte of the current memory address The CPU
will program the base register set with a reserve buffer
Bit
Description
70
DMA LOW PAGE AND BASE LOW PAGE
These bits represent the eight second most-significant
address bits when forming the full 32-bit address for a DMA transfer Upon reset or Master Clear the
value of these bits is 00h
3212 DMAPDMA PAGE REGISTER
Register Location
080h 84h 85h 86h 88h 8Ch 8Dh 8Eh
Default Value
xxh
Attribute
ReadWrite
Size
8 Bits
These registers have no effect on the DMA operation These registers provide extra storage space in the IO
space for DMA routines
Bit
Description
70
DMA PAGE
These bit have no effect on the DMA operation These bits only provide storage space in
the IO map
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com