Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82374EB Datasheet(PDF) 91 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 91 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 87Page - Intel Corporation 82374EB Datasheet HTML 88Page - Intel Corporation 82374EB Datasheet HTML 89Page - Intel Corporation 82374EB Datasheet HTML 90Page - Intel Corporation 82374EB Datasheet HTML 91Page - Intel Corporation 82374EB Datasheet HTML 92Page - Intel Corporation 82374EB Datasheet HTML 93Page - Intel Corporation 82374EB Datasheet HTML 94Page - Intel Corporation 82374EB Datasheet HTML 95Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 208 page
background image
82374EB82374SB
Bit
Description
74
Not Used
These bits exist in the 82077 FDC Refer to the 82077 data sheet for further details
3
DMA Enable
When this bit is a 1 the assertion of DACK
will result in XBUSOE
being asserted If
this bit is 0 DACK2
has no effect on XBUSOE
This port bit also exists on the 82077 FDC This bit
defaults to disable (0)
20
Not Used
These bits exist in the 82077 FDC Refer to the 82077 data sheet for further details
353 PORT 92 REGISTER
Register Location
92h
Default Value
00100100b
Attribute
ReadWrite
Size
8 Bits
This register is used to support the alternate reset (ALTRST ) alternate A20 (ALTA20) power-on password
protection and fixed disk light function (DLIGHT ) This register is only accessible if bit 6 in the Peripheral
Chip Select Enable B Register is set to 1
Bit
Description
76
Fixed Disk Activity Light
These bits are used to turn the Fixed Disk Activity Light on and off When
either of these bits are set to a 1 the light is turned on (DLIGHT
driven active) To turn the light off
both of these bits must be 0
5
Reserved
This bit is reserved and will always return a 1 when read
4
Not Used
This bit is not used and will always return a 0 when read
3
Power on Password Protection
A 1 on this bit enables power-on password protection by inhibiting
accesses to the RTC memory for RTC addresses (port 70h) from 36h to 3Fh This is accomplished by
not generating RTCRD
and RTCWR
signals for theses accesses
2
Reserved
This bit is reserved and will always return a 1 when read
1
ALTA20 Signal
Writinga0to this bit causes the ALTA20 signal to be driven low Writinga1to this bit
causes the ALTA20 signal to be driven high
0
ALTRST
Signal
This readwrite bit provides an alternate system reset function This function
provides an alternate means to reset the system CPU to effect a mode switch from Protected Virtual
Address Mode to the Real Address Mode This provides a faster means of reset than is provided by
the Keyboard controller This bit is set toa0bya system reset Writinga1to this bit will cause the
ALTRST
signal to pulse active (low) for approximately 4 SYSCLK’s Before another ALTRST
pulse
can be generated this bit must be written back to a 0
91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com