Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82374EB Datasheet(PDF) 18 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 18 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 14Page - Intel Corporation 82374EB Datasheet HTML 15Page - Intel Corporation 82374EB Datasheet HTML 16Page - Intel Corporation 82374EB Datasheet HTML 17Page - Intel Corporation 82374EB Datasheet HTML 18Page - Intel Corporation 82374EB Datasheet HTML 19Page - Intel Corporation 82374EB Datasheet HTML 20Page - Intel Corporation 82374EB Datasheet HTML 21Page - Intel Corporation 82374EB Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 208 page
background image
82374EB82374SB
The following notations are used to describe the signal type
in
Input is a standard input-only signal
out
Totem Pole Output is a standard active driver
od
Open Drain InputOutput
ts
Tri-State is a bi-directional tri-state inputoutput pin
sts
Sustained Tri-State is an active low tri-state signal owned and driven by one and only one agent at a
time The agent that drives a sts pin low must drive it high for at least one clock before letting it float
A new agent can not start driving a sts signal any sooner than one clock after the previous owner tri-
states it A pull-up sustains the inactive state until another agent drives it and is provided by the central
resource
NOTE
During a hard reset INTR NMI IGNNE
SMI
(on 82374SB) ALTRST
STPCLK
(on 82374SB)
and ALTA20 are driven low to prevent problems associated with 5V33V power sequencing Any
outputs of the ESC that are directed to a 33V CPU must be driven through a 5V to 33V translator
21 PCI Local Bus Interface Signals
Pin Name
Type
Description
PCICLK
in
PCI CLOCK
PCICLK provides timing for all transactions on the PCI bus The ESC uses
the PCI Clock (PCICLK) to generate EISA Bus Clock (BCLK) The PCICLK is divided by
3 or 4 to generate the BCLK The EISA Bridge supports PCI Clock frequencies of
25 MHz through 33 MHz
PERR
in
PARITY ERROR
PERR
indicates a data parity error PERR
may be pulsed active
by any agent that detects an error condition Upon sampling PERR
active the ESC
generates an NMI interrupt to the CPU
SERR
in
SYSTEM ERROR
SERR
may be pulsed active by any agent that detects an error
condition Upon sampling SERR
active the ESC generates an NMI interrupt to the
CPU
RESET
in
SYSTEM RESET
RESET
forces the entire ESC chip into a known state All internal
ESC state machines are reset and all registers are set to their default values RESET
may be asynchronous to PCICLK when asserted or negated Although asynchronous
negation must be a clean bounce-free edge The ESC uses RESET
to generate
RSTDRV signal
22 EISA Bus Interface Signals
Pin Name
Type
Description
BCLKOUT
out
EISA BUS CLOCK OUTPUT
BCLKOUT is typically buffered to create EISA Bus Clock
(BCLK) The BCLK is the system clock used to synchronize events on the EISAISA
bus The BCLKOUT is generated by dividing the PCICLK The ESC uses a divide by 3
or divide by 4 to generate the BCLKOUT
BCLK
in
EISA BUS CLOCK
The ESC uses BCLK to synchronize events on the EISA bus The
ESC generates or samples all the EISAISA bus signals on either the rising or the
falling edge of BCLK
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com