Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4650 Datasheet(PDF) 73 Page - STMicroelectronics

Part # AN4650
Description  This document is intended to provide usage information
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4650 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button AN4650 Datasheet HTML 69Page - STMicroelectronics AN4650 Datasheet HTML 70Page - STMicroelectronics AN4650 Datasheet HTML 71Page - STMicroelectronics AN4650 Datasheet HTML 72Page - STMicroelectronics AN4650 Datasheet HTML 73Page - STMicroelectronics AN4650 Datasheet HTML 74Page - STMicroelectronics AN4650 Datasheet HTML 75Page - STMicroelectronics AN4650 Datasheet HTML 76Page - STMicroelectronics AN4650 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 102 page
background image
DocID027415 Rev 1
73/102
AN4650
First-in first-out (FIFO) buffer
102
8
First-in first-out (FIFO) buffer
In order to limit intervention by the host processor and facilitate post-processing data for
event recognition, the LSM6DS3 embeds an 8 kbyte first-in first-out buffer (FIFO).
The FIFO can be configured to store the following data:
gyroscope sensor data;
accelerometer sensor data;
external sensors (connected to sensor hub interface) data;
step counter and time stamp data;
temperature sensor data.
Saving data in the FIFO buffer is based on four ‘FIFO data set’ consisting of 6 bytes each:
The 1st FIFO data set is reserved for gyroscope data;
The 2nd FIFO data set is reserved for accelerometer data;
The 3rd FIFO data set is reserved for the external sensor data stored in the registers
from SENSORHUB1_REG to SENSORHUB6_REG (see Section 6.2.9 for details on
the SENSORHUBx_REG);
The 4th FIFO data set can be alternately associated to the external sensor data stored
in the registers from SENSORHUB7_REG to SENSORHUB12_REG, to the step
counter and time stamp info, or to the temperature sensor data.
All these data sets can be stored in FIFO at different ODRs, by setting the decimation
factors in the FIFO_CTRL3 and FIFO_CTRL4 registers. Decimation factors are also used to
select which FIFO data sets have to be stored in FIFO.
Five different FIFO operating modes can be chosen through the FIFO_MODE_[2:0] bits of
the FIFO_CTRL5 register:
Bypass mode;
FIFO mode;
Continuous mode;
Continuous-to-FIFO mode;
Bypass-to-Continuous mode.
Data are retrieved from the FIFO through two dedicated registers: FIFO_DATA_OUT_L and
FIFO_DATA_OUT_H. In this way, data can be read either from the FIFO (at a slower ODR)
or from the device output registers (at the normal ODR).
To monitor the FIFO status (full, empty, number of sample stored, etc), four dedicated
registers are available: FIFO_STATUS1, FIFO_STATUS2, FIFO_STATUS3,
FIFO_STATUS4.
Programmable FIFO thresholds can be set in FIFO_CTRL1 and FIFO_CTRL2 using the
FTH [11:0] bits.
FIFO full, FIFO threshold and FIFO overrun events can be enabled to generate dedicated
interrupts on the two interrupt pins (INT1 and INT2) through the INT1_FULL_FLAG,
INT1_FTH and INT1_OVR bits of the INT1_CTRL register, and through the
INT2_FULL_FLAG, INT2_FTH and INT2_OVR bits of the INT2_CTRL register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com