Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4650 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4650
Description  This document is intended to provide usage information
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4650 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4650 Datasheet HTML 1Page - STMicroelectronics AN4650 Datasheet HTML 2Page - STMicroelectronics AN4650 Datasheet HTML 3Page - STMicroelectronics AN4650 Datasheet HTML 4Page - STMicroelectronics AN4650 Datasheet HTML 5Page - STMicroelectronics AN4650 Datasheet HTML 6Page - STMicroelectronics AN4650 Datasheet HTML 7Page - STMicroelectronics AN4650 Datasheet HTML 8Page - STMicroelectronics AN4650 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 102 page
background image
February 2015
DocID027415 Rev 1
1/102
102
AN4650
Application note
LSM6DS3: always-on 3D accelerometer and 3D gyroscope
Introduction
This document is intended to provide usage information and application hints related to ST’s
LSM6DS3 iNEMO inertial module.
The LSM6DS3 is a 3D digital accelerometer and 3D digital gyroscope system-in-package
with a digital I2C/SPI serial interface standard output, performing at 0.9 mA in combo
Normal mode and 1.25 mA (up to 1.6 kHz) in combo High-Performance mode. Thanks to
the ultra-low noise performance of both the gyroscope and the accelerometer, the device
combines always-on low-power features with superior sensing precision for an optimal
motion experience for the consumer. Furthermore, the accelerometer features smart sleep-
to-wake-up (Activity) and return-to-sleep (Inactivity) functions that allow advanced power
saving.
The device has a dynamic user-selectable full-scale acceleration range of ±2/±4/±8/±16 g
and an angular rate range of ±125/±245/±500/±1000/±2000 dps.
The LSM6DS3 can be configured to generate interrupt signals by using hardware
recognition of free-fall events, 6D orientation, tap and double-tap sensing, activity or
inactivity, wake-up events.
The availability of different connection modes to external sensors allows implementing
additional functionalities such as sensor hub, auxiliary SPI, etc.
The LSM6DS3 is compatible with the requirements of Android KitKat, Android L and the
leading OSs, offering real, virtual and batch-mode sensors. It has been designed to
implement in hardware significant motion, tilt, pedometer functions, time stamp and to
support the data acquisition of an external magnetometer with ironing correction (hard, soft).
The LSM6DS3 has an integrated smart first-in first-out (FIFO) buffer of up to 8 kbyte size,
allowing dynamic batching of significant data (i.e. external sensors, step counter, time stamp
and temperature).
The LSM6DS3 is available in a small plastic land grid array package (LGA-14L) and it is
guaranteed to operate over an extended temperature range from -40 °C to +85 °C.
The ultra-small size and weight of the SMD package make it an ideal choice for handheld
portable applications such as smartphones, IoT connected devices, and wearables or any
other application where reduced package size and weight are required.
www.st.com


Similar Part No. - AN4650

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4651 STMICROELECTRONICS-AN4651 Datasheet
385Kb / 34P
STM32F3 series peripheral interconnect matrix
20-Mar-2015
AN4653 STMICROELECTRONICS-AN4653 Datasheet
273Kb / 13P
Cycling endurance and data retention of high density EEPROM based on CMOS F8H process
23-Feb-2015
AN4654 STMICROELECTRONICS-AN4654 Datasheet
645Kb / 32P
Migrating between STM32L1 and STM32L0 series microcontrollers
29-Apr-2015
AN4655 STMICROELECTRONICS-AN4655 Datasheet
344Kb / 21P
Virtually increasing the number of serial communication peripherals in STM32 applications
05-Mar-2015
AN4658 STMICROELECTRONICS-AN4658 Datasheet
402Kb / 24P
For more and more applications using STM32 products
18-Mar-2015
More results

Similar Description - AN4650

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
LL-1111-30 JMK-LL-1111-30 Datasheet
264Kb / 1P
This filter series is intended to provide transient and surge suppression for DC
logo
STMicroelectronics
AN4173 STMICROELECTRONICS-AN4173 Datasheet
240Kb / 22P
The aim of this document is to clarify the usage
13-Sep-2013
AN4233 STMICROELECTRONICS-AN4233 Datasheet
245Kb / 12P
The purpose of this document is to provide a methodology
16-Jan-2013
AN2335 STMICROELECTRONICS-AN2335 Datasheet
457Kb / 40P
This document is intended to give application
20-Oct-2006
AN3393 STMICROELECTRONICS-AN3393 Datasheet
2Mb / 103P
This document is intended to provide information
17-Oct-2014
UM0920 STMICROELECTRONICS-UM0920 Datasheet
922Kb / 14P
The purpose of this document is to provide information
03-May-2012
AN4504 STMICROELECTRONICS-AN4504 Datasheet
797Kb / 41P
This document is intended to provide usage information
18-Jun-2014
AN4505 STMICROELECTRONICS-AN4505 Datasheet
984Kb / 43P
This document is intended to provide usage information
18-Jun-2014
AN4506 STMICROELECTRONICS-AN4506 Datasheet
1Mb / 47P
This document is intended to provide information
30-Apr-2015
AN4602 STMICROELECTRONICS-AN4602 Datasheet
595Kb / 23P
This document is intended to guide in the usage of and to provide useful details related
17-Dec-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com