Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4650 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN4650
Description  This document is intended to provide usage information
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4650 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN4650 Datasheet HTML 21Page - STMicroelectronics AN4650 Datasheet HTML 22Page - STMicroelectronics AN4650 Datasheet HTML 23Page - STMicroelectronics AN4650 Datasheet HTML 24Page - STMicroelectronics AN4650 Datasheet HTML 25Page - STMicroelectronics AN4650 Datasheet HTML 26Page - STMicroelectronics AN4650 Datasheet HTML 27Page - STMicroelectronics AN4650 Datasheet HTML 28Page - STMicroelectronics AN4650 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 102 page
background image
DocID027415 Rev 1
25/102
AN4650
Operating modes
102
2.7
Gyroscope bandwidth
The gyroscope sampling chain is represented by a cascade of four blocks: analog low-pass
anti-aliasing filter, ADC converter, digital low-pass filter and a selectable high-pass filter
(Figure 4).
Figure 4. Gyroscope sampling chain diagram
The analog signal coming from the mechanical parts is filtered by a low-pass anti-aliasing
filter (having a constant bandwidth) before being converted by the ADC. The digital signal is
then filtered by a low-pass digital filter whose cutoff frequency depends on the selected
gyroscope ODR: the cutoff values in Low-Power and Normal mode are shown in Table 13;
the cutoff values related to High-Performance mode are indicated in Table 14.
Table 13. Gyroscope digital low-pass filter cutoff in Low-Power / Normal mode
Gyroscope ODR [Hz]
Cutoff [Hz]
13 Hz (Low Power)
3.9
26 Hz (Low Power)
7.9
52 Hz (Low Power)
15.8
104 Hz (Normal mode)
31.4
208 Hz (Normal mode)
60.2
Table 14. Gyroscope digital low-pass filter cutoff in High-Performance mode
Gyroscope ODR [Hz]
Cutoff [Hz]
13 Hz (High Perf.)
4.2
26 Hz (High Perf.)
8.3
52 Hz (High Perf.)
16.6
104 Hz (High Perf.)
33.4
208 Hz (High Perf.)
66.7
416 Hz (High Perf.)
135.9
833 Hz (High Perf.)
295.4
1.66 kHz (High Perf.)
1057.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com