Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4650 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4650
Description  This document is intended to provide usage information
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4650 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4650 Datasheet HTML 6Page - STMicroelectronics AN4650 Datasheet HTML 7Page - STMicroelectronics AN4650 Datasheet HTML 8Page - STMicroelectronics AN4650 Datasheet HTML 9Page - STMicroelectronics AN4650 Datasheet HTML 10Page - STMicroelectronics AN4650 Datasheet HTML 11Page - STMicroelectronics AN4650 Datasheet HTML 12Page - STMicroelectronics AN4650 Datasheet HTML 13Page - STMicroelectronics AN4650 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 102 page
background image
CTRL6_C
15h
TRIG_EN
LVLen
LVL2_EN
XL_HM
_MODE
00
0
0
CTRL7_G
16h
G_HM_MODE
HP_G_EN
HPCF_G1
HPCF_G0
HP_G_RST
ROUNDING
_STATUS
00
CTRL8_XL
17h
LPF2_XL_EN
HPCF_XL1
HPCF_XL0
0
0
HP_SLOPE_
XL_EN
0
LOW_PASS
_ON_6D
CTRL9_XL
18h
0
0
Zen_XL
Yen_XL
Xen_XL
SOFT_EN
0
0
CTRL10_C
19h
0
0
Zen_G
Yen_G
Xen_G
FUNC_EN
PEDO_RST
_STEP
SIGN_MOTI
ON_EN
MASTER_CONFIG
1Ah
DRDY_ON
_INT1
DATA_VALID
_SEL_FIFO
0
START
_CONFIG
PULL_UP
_EN
PASS
_THROUGH
_MODE
IRON_EN
MASTER
_ON
WAKE_UP_SRC
1Bh
0
0
FF_IA
SLEEP
_STATE_IA
WU_IA
X_WU
Y_WU
Z_WU
TAP_SRC
1Ch
0
TAP_IA
SINGLE
_TAP
DOUBLE
_TAP
TAP_SIGN
X_TAP
Y_TAP
Z_TAP
D6D_SRC
1Dh
0
D6D_IA
ZH
ZL
YH
YL
XH
XL
STATUS_REG
1Eh
-
-
-
-
EV_BOOT
TDA
GDA
XLDA
OUT_TEMP_L
20h
Temp7
Temp6
Temp5
Temp4
Temp3
Temp2
Temp1
Temp0
OUT_TEMP_H
21h
Temp15
Temp14
Temp13
Temp12
Temp11
Temp10
Temp9
Temp8
OUTX_L_G
22h
D7
D6
D5
D4
D3
D2
D1
D0
OUTX_H_G
23h
D15
D14
D13
D12
D11
D10
D9
D8
OUTY_L_G
24h
D7
D6
D5
D4
D3
D2
D1
D0
OUTY_H_G
25h
D15
D14
D13
D12
D11
D10
D9
D8
OUTZ_L_G
26h
D7
D6
D5
D4
D3
D2
D1
D0
OUTZ_H_G
27h
D15
D14
D13
D12
D11
D10
D9
D8
OUTX_L_XL
28h
D7
D6
D5
D4
D3
D2
D1
D0
Table 1. Registers (continued)
Register name
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com