Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4650 Datasheet(PDF) 95 Page - STMicroelectronics

Part # AN4650
Description  This document is intended to provide usage information
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4650 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button AN4650 Datasheet HTML 91Page - STMicroelectronics AN4650 Datasheet HTML 92Page - STMicroelectronics AN4650 Datasheet HTML 93Page - STMicroelectronics AN4650 Datasheet HTML 94Page - STMicroelectronics AN4650 Datasheet HTML 95Page - STMicroelectronics AN4650 Datasheet HTML 96Page - STMicroelectronics AN4650 Datasheet HTML 97Page - STMicroelectronics AN4650 Datasheet HTML 98Page - STMicroelectronics AN4650 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 102 page
background image
DocID027415 Rev 1
95/102
AN4650
First-in first-out (FIFO) buffer
102
8.9
Temperature data in FIFO
It is possible to store only temperature data as the 4th FIFO data set.
To enable this feature:
the bit TIMER_PEDO_FIFO_EN of the FIFO_CTRL2 register has to be set to 0;
the bit FIFO_TEMP_EN of the CTRL4_C register has to be set to 1.
Temperature samples (16-bit) are stored in FIFO in the 6-byte data format shown in
Table 76:
Follow these steps to store 16-bit temperature data in the FIFO using the internal trigger
(accelerometer/gyroscope data ready):
1.
Turn on the accelerometer or the gyroscope;
2.
Choose the decimation factor (different from 000b) for the 4th FIFO data set through the
DEC_DS4_FIFO[2:0] bits in the FIFO_CTRL4 register;
3.
Set to 1 the FIFO_TEMP_EN bit in the CTRL4_C register and to 0 the bit
TIMER_PEDO_FIFO_EN of the FIFO_CTRL2 register;
4.
Choose the FIFO ODR through the ODR_FIFO_[3:0] bits of the FIFO_CTRL5 register;
5.
Configure the FIFO operating mode through the FIFO_MODE_[2:0] field of the
FIFO_CTRL5 register.
Table 76. Temperature data in FIFO
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
-
-
TEMP [7:0]
TEMP [15:8]
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com