Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4650 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4650
Description  This document is intended to provide usage information
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4650 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4650 Datasheet HTML 13Page - STMicroelectronics AN4650 Datasheet HTML 14Page - STMicroelectronics AN4650 Datasheet HTML 15Page - STMicroelectronics AN4650 Datasheet HTML 16Page - STMicroelectronics AN4650 Datasheet HTML 17Page - STMicroelectronics AN4650 Datasheet HTML 18Page - STMicroelectronics AN4650 Datasheet HTML 19Page - STMicroelectronics AN4650 Datasheet HTML 20Page - STMicroelectronics AN4650 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 102 page
background image
DocID027415 Rev 1
17/102
AN4650
Operating modes
102
2
Operating modes
The LSM6DS3 provides three possible operating configurations:
only accelerometer active and gyroscope in Power-Down;
only gyroscope active and accelerometer in Power-Down;
both accelerometer and gyroscope active with independent ODR.
After the power supply is applied, the LSM6DS3 performs a 20 ms boot procedure to load
the trimming parameters. After the boot is completed, both the accelerometer and the
gyroscope are automatically configured in Power-Down mode.
The accelerometer and the gyroscope can be independently configured in four different
power modes: Power-Down, Low-Power, Normal and High-Performance mode. They are
allowed to have different data rates without any limit. The gyroscope sensor can also be set
in Sleep mode to reduce its power consumption.
When both the accelerometer and gyroscope are on, the accelerometer is synchronized
with the gyroscope and the data rates of the two sensors are integer multiples of each other.
If the accelerometer and the gyroscope have been configured with the same output data
rate, the gyroscope data-ready signal (DRDY_G) is always subsequent to the
accelerometer data-ready signal (DRDY_XL); in this case, for synchronous reading of the
two sensors, it is convenient to use the gyroscope data-ready signal.
Referring to the LSM6DS3 datasheet, the output data rate (ODR_XL) bits of CTRL1_XL
register and the High-Performance disable (XL_HM_MODE) bit of CTRL6_C register are
used to select the power mode and the output data rate of the accelerometer sensor
(Table 3).
The output data rate (ODR_G) bits of CTRL2_G register and the High-Performance disable
(G_HM_MODE) bit of CTRL7_G register are used to select the power mode and output data
rate of the gyroscope sensor (Table 4).
Table 3. Accelerometer ODR and power mode selection
ODR_XL [3:0]
ODR [Hz] when
XL_HM_MODE = 1
ODR [Hz] when
XL_HM_MODE = 0
0000
Power Down
Power Down
0001
13 Hz (Low Power)
13 Hz (High Performance)
0010
26 Hz (Low Power)
26 Hz (High Performance)
0011
52 Hz (Low Power)
52 Hz (High Performance)
0100
104 Hz (Normal mode)
104 Hz (High Performance)
0101
208 Hz (Normal mode)
208 Hz (High Performance)
0110
416 Hz (High Performance)
416 Hz (High Performance)
0111
833 Hz (High Performance)
833 Hz (High Performance)
1000
1.66 kHz (High Performance)
1.66 kHz (High Performance)
1001
3.33 kHz (High Performance)
3.33 kHz (High Performance)
1010
6.66 kHz (High Performance)
6.66 kHz (High Performance)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com