Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4650 Datasheet(PDF) 42 Page - STMicroelectronics

Part # AN4650
Description  This document is intended to provide usage information
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4650 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button AN4650 Datasheet HTML 38Page - STMicroelectronics AN4650 Datasheet HTML 39Page - STMicroelectronics AN4650 Datasheet HTML 40Page - STMicroelectronics AN4650 Datasheet HTML 41Page - STMicroelectronics AN4650 Datasheet HTML 42Page - STMicroelectronics AN4650 Datasheet HTML 43Page - STMicroelectronics AN4650 Datasheet HTML 44Page - STMicroelectronics AN4650 Datasheet HTML 45Page - STMicroelectronics AN4650 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 102 page
background image
Interrupt generation
AN4650
42/102
DocID027415 Rev 1
The low-pass filter LPF2 can also be used in 6D functionality by setting the
LOW_PASS_ON_6D bit of the CTRL8_XL register to 1. The LPF2 filter has to be enabled
as described in Section 2.6.
This interrupt signal can be driven to the two interrupt pins by setting to 1 the INT1_6D bit of
the MD1_CFG register or the INT2_6D bit of the MD2_CFG register; it can also be checked
by reading the D6D_IA bit of the D6D_SRC register.
If latch mode is disabled (LIR bit of TAP_CFG is set to 0), the interrupt signal is active only
for 1/ODR_XL[s] then it is automatically deasserted (ODR_XL is the accelerometer output
data rate). If latch mode is enabled and the 6D interrupt signal is driven to the interrupt pins,
once an orientation change has occurred and the interrupt pin is asserted, a reading of the
D6D_SRC register clears the request and the device is ready to recognize a different
orientation. If the latch mode is enabled but the interrupt signal is not driven to the interrupt
pins, the latch feature does not take effect.
Referring to the six possible cases illustrated in Figure 13, the content of the D6D_SRC
register for each position is shown in Table 31.
Figure 13. 6D recognized orientations
Table 30. Threshold for 4D/6D function
SIXD_THS[1:0]
Threshold value [degrees]
00
80
01
70
10
60
11
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com