Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4650 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN4650
Description  This document is intended to provide usage information
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4650 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN4650 Datasheet HTML 20Page - STMicroelectronics AN4650 Datasheet HTML 21Page - STMicroelectronics AN4650 Datasheet HTML 22Page - STMicroelectronics AN4650 Datasheet HTML 23Page - STMicroelectronics AN4650 Datasheet HTML 24Page - STMicroelectronics AN4650 Datasheet HTML 25Page - STMicroelectronics AN4650 Datasheet HTML 26Page - STMicroelectronics AN4650 Datasheet HTML 27Page - STMicroelectronics AN4650 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 102 page
background image
Operating modes
AN4650
24/102
DocID027415 Rev 1
2.6.2
Accelerometer turn-on/off time
The accelerometer reading chain contains low-pass filtering to improve signal-to-noise
performance and to reduce aliasing effects. For this reason it is needed to take into account
the settling time of the filter when the accelerometer / gyroscope power mode is switched or
when the accelerometer / gyroscope ODR is changed.
The delay in order to switch accelerometer modes is shown in Table 11.
No anti-aliasing filter is used in Low-Power mode and in Normal mode: in these cases no
samples have to be discarded.
The anti-aliasing filter is bypassed also when the XL_BW_SCAL_ODR bit of the CTRL4_C
register is set to 0 and the accelerometer ODR is set to 3.33 kHz or 6.66 kHz: in these cases
the number of samples to be discarded is equal to 2 and 4, respectively.
Table 12 clarifies how many accelerometer samples have to be discarded in High-
Performance mode depending on the internal filter bandwidth and output data rate
selection. Bandwidth value selection is described in Table 7.
Setting the DRDY_MASK bit of the CTRL4_C register to 1, the accelerometer and
gyroscope data-ready signals are masked until the settling of the sensor filters is completed:
this feature allows automatically ignoring the samples to be discarded.
Table 11. Accelerometer turn-on/off time
Starting mode
Target mode
Max turn-on/off time
Power Down
Low Power / Normal
First sample correct
Power Down
High Performance
see Table 12
Low Power / Normal
High Performance
see Table 12
Low Power / Normal /
High Performance
Power Down
1 μs
Table 12. Accelerometer number of samples to be discarded (High-Perf. mode)
Accelerometer
ODR [Hz]
BW = 400 Hz BW = 200 Hz BW = 100 Hz BW = 50 Hz
No filter
13 Hz (High Perf.)
1
1
1
1
1
26 Hz (High Perf.)
1
1
1
1
N.A.
52 Hz (High Perf.)
1
1
1
1
N.A.
104 Hz (High Perf.)
1
1
1
2
N.A.
208 Hz (High Perf.)
1
1
2
4
N.A.
416 Hz (High Perf.)
1
2
3
7
N.A.
833 Hz (High Perf.)
2
4
7
14
N.A.
1.66 kHz (High Perf.)
4
8
14
28
N.A.
3.33 kHz (High Perf.)
8
16
28
56
2
6.66 kHz (High Perf.)
16
32
56
112
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com