Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4650 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN4650
Description  This document is intended to provide usage information
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4650 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN4650 Datasheet HTML 29Page - STMicroelectronics AN4650 Datasheet HTML 30Page - STMicroelectronics AN4650 Datasheet HTML 31Page - STMicroelectronics AN4650 Datasheet HTML 32Page - STMicroelectronics AN4650 Datasheet HTML 33Page - STMicroelectronics AN4650 Datasheet HTML 34Page - STMicroelectronics AN4650 Datasheet HTML 35Page - STMicroelectronics AN4650 Datasheet HTML 36Page - STMicroelectronics AN4650 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 102 page
background image
DocID027415 Rev 1
33/102
AN4650
Reading output data
102
3.7
Gyroscope edge-sensitive/level-sensitive/impulse-sensitive
data enable (DEN)
The LSM6DS3 allows external trigger level recognition by configuring the TRIG_EN, LVLen
and LVL2_EN bits of the CTRL6_C register (Table 21). The default value for these three bits
is 0 (external trigger is disabled). Three different trigger modes can be used: edge-, level-, or
impulse-sensitive trigger; the Data Enable (DEN) input signal is driven on the INT2 pin,
which is configured as an input pin when one of the gyroscope trigger modes is enabled.
Edge-sensitive and impulse-sensitive triggers need both accelerometer and gyroscope
sensors to be active (not in Power-Down mode) and configured with the same output data
rate value. The level-sensitive trigger can also work with only the gyroscope in active mode,
regardless of the selected gyroscope ODR.
3.7.1
Edge-sensitive trigger
The edge-sensitive trigger is enabled when the TRIG_EN bit of CTRL6_C register is set to 1
and the LVLen and LVL2_EN bits are set to 0. Furthermore, both accelerometer and
gyroscope sensors have to be in active mode and configured with the same ODR value.
Once enabled, the gyroscope output registers are updated with the next generated X, Y, Z
gyroscope data at the rising edge of the DEN (INT2 pin) input signal. If no rising edge
occurs, the gyroscope output registers are not updated.
Figure 7. Data synchronization: edge-sensitive
Table 21. DEN configurations
TRIG_EN
LVLen
LVL2_EN
Function
1
0
0
Edge-sensitive
0
1
0
Level-sensitive
0
1
1
Impulse-sensitive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com