Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4650 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4650
Description  This document is intended to provide usage information
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4650 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4650 Datasheet HTML 8Page - STMicroelectronics AN4650 Datasheet HTML 9Page - STMicroelectronics AN4650 Datasheet HTML 10Page - STMicroelectronics AN4650 Datasheet HTML 11Page - STMicroelectronics AN4650 Datasheet HTML 12Page - STMicroelectronics AN4650 Datasheet HTML 13Page - STMicroelectronics AN4650 Datasheet HTML 14Page - STMicroelectronics AN4650 Datasheet HTML 15Page - STMicroelectronics AN4650 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 102 page
background image
FIFO_DATA_OUT_L
3Eh
DATA_OUT
_FIFO_L_7
DATA_OUT
_FIFO_L_6
DATA_OUT
_FIFO_L_5
DATA_OUT
_FIFO_L_4
DATA_OUT
_FIFO_L_3
DATA_OUT
_FIFO_L_2
DATA_OUT
_FIFO_L_1
DATA_OUT
_FIFO_L_0
FIFO_DATA_OUT_H
3Fh
DATA_OUT
_FIFO_H_7
DATA_OUT
_FIFO_H_6
DATA_OUT
_FIFO_H_5
DATA_OUT
_FIFO_H_4
DATA_OUT
_FIFO_H_3
DATA_OUT
_FIFO_H_2
DATA_OUT
_FIFO_H_1
DATA_OUT
_FIFO_H_0
TIMESTAMP0_REG
40h
TIMESTAMP
0_7
TIMESTAMP
0_6
TIMESTAMP
0_5
TIMESTAMP
0_4
TIMESTAMP
0_3
TIMESTAMP
0_2
TIMESTAMP
0_1
TIMESTAMP
0_0
TIMESTAMP1_REG
41h
TIMESTAMP
1_7
TIMESTAMP
1_6
TIMESTAMP
1_5
TIMESTAMP
1_4
TIMESTAMP
1_3
TIMESTAMP
1_2
TIMESTAMP
1_1
TIMESTAMP
1_0
TIMESTAMP2_REG
42h
TIMESTAMP
2_7
TIMESTAMP
2_6
TIMESTAMP
2_5
TIMESTAMP
2_4
TIMESTAMP
2_3
TIMESTAMP
2_2
TIMESTAMP
2_1
TIMESTAMP
2_0
STEP_TIMESTAMP_L
49h
STEP_TIMES
TAMP_L_7
STEP_TIMES
TAMP_L_6
STEP_TIMES
TAMP_L_5
STEP_TIME
STAMP_L_4
STEP_TIME
STAMP_L_3
STEP_TIME
STAMP_L_2
STEP_TIME
STAMP_L_1
STEP_TIME
STAMP_L_0
STEP_TIMESTAMP_H
4Ah
STEP_TIMES
TAMP_L_7
STEP_TIMES
TAMP_L_6
STEP_TIMES
TAMP_L_5
STEP_TIME
STAMP_L_4
STEP_TIME
STAMP_L_3
STEP_TIME
STAMP_L_2
STEP_TIME
STAMP_L_1
STEP_TIME
STAMP_L_0
STEP_COUNTER_L
4Bh
STEP_COUN
TER_L_7
STEP_COUNT
ER_L_6
STEP_COUN
TER_L_5
STEP_COU
NTER_L_4
STEP_COU
NTER_L_3
STEP_COU
NTER_L_2
STEP_COU
NTER_L_1
STEP_COU
NTER_L_0
STEP_COUNTER_H
4Ch
STEP_COUN
TER_H_7
STEP_COUNT
ER_H_6
STEP_COUN
TER_H_5
STEP_COU
NTER_H_4
STEP_COU
NTER_H_3
STEP_COU
NTER_H_2
STEP_COU
NTER_H_1
STEP_COU
NTER_H_0
SENSORHUB13_REG
4Dh
SHub13_7
SHub13_6
SHub13_5
SHub13_4
SHub13_3
SHub13_2
SHub13_1
SHub13_0
SENSORHUB14_REG
4Eh
SHub14_7
SHub14_6
SHub14_5
SHub14_4
SHub14_3
SHub14_2
SHub14_1
SHub14_0
SENSORHUB15_REG
4Fh
SHub15_7
SHub15_6
SHub15_5
SHub15_4
SHub15_3
SHub15_2
SHub15_1
SHub15_0
SENSORHUB16_REG
50h
SHub16_7
SHub16_6
SHub16_5
SHub16_4
SHub16_3
SHub16_2
SHub16_1
SHub16_0
SENSORHUB17_REG
51h
SHub17_7
SHub17_6
SHub17_5
SHub17_4
SHub17_3
SHub17_2
SHub17_1
SHub17_0
SENSORHUB18_REG
52h
SHub18_7
SHub18_6
SHub18_5
SHub18_4
SHub18_3
SHub18_2
SHub18_1
SHub18_0
FUNC_SRC
53h
STEP_COUN
T_DELTA_IA
SIGN_
MOTION_IA
TILT_IA
STEP_
DETECTED
STEP_OVE
RFLOW
-
SI_END_OP
SENSORHU
B_END_OP
TAP_CFG
58h
TIMER_EN
PEDO_EN
TILT_EN
SLOPE
_FDS
TAP_X_EN
TAP_Y_EN
TAP_Z_EN
LIR
Table 1. Registers (continued)
Register name
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com