Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4650 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4650
Description  This document is intended to provide usage information
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4650 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4650 Datasheet HTML 10Page - STMicroelectronics AN4650 Datasheet HTML 11Page - STMicroelectronics AN4650 Datasheet HTML 12Page - STMicroelectronics AN4650 Datasheet HTML 13Page - STMicroelectronics AN4650 Datasheet HTML 14Page - STMicroelectronics AN4650 Datasheet HTML 15Page - STMicroelectronics AN4650 Datasheet HTML 16Page - STMicroelectronics AN4650 Datasheet HTML 17Page - STMicroelectronics AN4650 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 102 page
background image
1.1
Embedded functions registers
The list of the registers for embedded functions available in the device is given in Table 2.
Embedded functions registers are accessible when the FUNC_CFG_EN bit is set to ‘1’ in the FUNC_CFG_ACCESS register.
Table 2. Embedded functions registers
Register name
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SLV0_ADD
02h
Slave0
_add6
Slave0
_add5
Slave0
_add4
Slave0
_add3
Slave0
_add2
Slave0
_add1
Slave0
_add0
rw_0
SLV0_SUBADD
03h
Slave0
_reg7
Slave0
_reg6
Slave0
_reg5
Slave0
_reg4
Slave0
_reg3
Slave0
_reg2
Slave0
_reg1
Slave0
_reg0
SLAVE0_CONFIG
04h
Slave0
_rate1
Slave0
_rate0
Aux_sens
_on1
Aux_sens
_on0
Src_mode
Slave0
_numop2
Slave0
_numop1
Slave0
_numop0
SLV1_ADD
05h
Slave1
_add6
Slave1
_add5
Slave1
_add4
Slave1
_add3
Slave1
_add2
Slave1
_add1
Slave1
_add0
r_1
SLV1_SUBADD
06h
Slave1
_reg7
Slave1
_reg6
Slave1
_reg5
Slave1
_reg4
Slave1
_reg3
Slave1
_reg2
Slave1
_reg1
Slave1
_reg0
SLAVE1_CONFIG
07h
Slave1
_rate1
Slave1
_rate0
00
0
Slave1
_numop2
Slave1
_numop1
Slave1
_numop0
SLV2_ADD
08h
Slave2
_add6
Slave2
_add5
Slave2
_add4
Slave2
_add3
Slave2
_add2
Slave2
_add1
Slave2
_add0
r_2
SLV2_SUBADD
09h
Slave2
_reg7
Slave2
_reg6
Slave2
_reg5
Slave2
_reg4
Slave2
_reg3
Slave2
_reg2
Slave2
_reg1
Slave2
_reg0
SLAVE2_CONFIG
0Ah
Slave2
_rate1
Slave2
_rate0
00
0
Slave2
_numop2
Slave2
_numop1
Slave2
_numop0
SLV3_ADD
0Bh
Slave3
_add6
Slave3
_add5
Slave3
_add4
Slave3
_add3
Slave3
_add2
Slave3
_add1
Slave3
_add0
r_3
SLV3_SUBADD
0Ch
Slave3
_reg7
Slave3
_reg6
Slave3
_reg5
Slave3
_reg4
Slave3
_reg3
Slave3
_reg2
Slave3
_reg1
Slave3
_reg0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com