Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4650 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4650
Description  This document is intended to provide usage information
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4650 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4650 Datasheet HTML 16Page - STMicroelectronics AN4650 Datasheet HTML 17Page - STMicroelectronics AN4650 Datasheet HTML 18Page - STMicroelectronics AN4650 Datasheet HTML 19Page - STMicroelectronics AN4650 Datasheet HTML 20Page - STMicroelectronics AN4650 Datasheet HTML 21Page - STMicroelectronics AN4650 Datasheet HTML 22Page - STMicroelectronics AN4650 Datasheet HTML 23Page - STMicroelectronics AN4650 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 102 page
background image
Operating modes
AN4650
20/102
DocID027415 Rev 1
2.6
Accelerometer bandwidth
The accelerometer sampling chain (Figure 1) is represented by a cascade of four blocks: an
analog low-pass filter, an ADC converter, a digital low-pass filter and the composite group of
digital filters described in Figure 2.
Figure 1. Accelerometer sampling chain diagram
The analog signal coming from the mechanical parts is filtered by a low-pass anti-aliasing
filter before being converted by the ADC. The anti-aliasing filter is enabled in High-
Performance mode only.
If the XL_BW_SCAL_ODR bit in CTRL4_C register is set to 1, the bandwidth of this analog
filter is determined by setting the BW_XL bits of CTRL1_XL register; relative filter cutoff
frequency values are given in Table 6. If the XL_BW_SCAL_ODR bit is set to 0, the
bandwidth of the analog filter is determined by the ODR_XL selection (Table 7).
Table 6. Accelerometer anti-aliasing filter bandwidth selection
(XL_BW_SCAL_ODR=1)
BW_XL[1:0]
Bandwidth [Hz]
00
400
01
200
10
100
11
50
Table 7. Accelerometer anti-aliasing bandwidth options (High-Performance mode)
Accelerometer
ODR [Hz]
Analog filter cutoff [Hz]
XL_BW_SCAL_ODR = 0
Analog filter cutoff [Hz]
XL_BW_SCAL_ODR = 1
13 Hz (High Performance)
50
BW_XL[1:0]
26 Hz (High Performance)
50
BW_XL[1:0]
52 Hz (High Performance)
50
BW_XL[1:0]
104 Hz (High Performance)
50
BW_XL[1:0]
208 Hz (High Performance)
100
BW_XL[1:0]
416 Hz (High Performance)
200
BW_XL[1:0]
833 Hz (High Performance)
400
BW_XL[1:0]
1.66 kHz (High Performance)
400
BW_XL[1:0]
3.33 kHz (High Performance)
FILTER NOT USED
BW_XL[1:0]
6.66 kHz (High Performance)
FILTER NOT USED
BW_XL[1:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com