Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4650 Datasheet(PDF) 44 Page - STMicroelectronics

Part # AN4650
Description  This document is intended to provide usage information
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4650 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button AN4650 Datasheet HTML 40Page - STMicroelectronics AN4650 Datasheet HTML 41Page - STMicroelectronics AN4650 Datasheet HTML 42Page - STMicroelectronics AN4650 Datasheet HTML 43Page - STMicroelectronics AN4650 Datasheet HTML 44Page - STMicroelectronics AN4650 Datasheet HTML 45Page - STMicroelectronics AN4650 Datasheet HTML 46Page - STMicroelectronics AN4650 Datasheet HTML 47Page - STMicroelectronics AN4650 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 102 page
background image
Interrupt generation
AN4650
44/102
DocID027415 Rev 1
4.5.1
Single tap
If the device is configured for single-tap event detection, an interrupt is generated when the
slope data on the selected channel exceed the programmed threshold, and return below it
within the Shock time window.
In the single-tap case, if the LIR bit of the TAP_CFG register is set to 0, the interrupt is kept
high for the duration of the Quiet window.
In order to enable the latch feature on the single-tap interrupt signal, both the LIR bit and the
INT1_DOUBLE_TAP (or INT2_DOUBLE_TAP) bit of MD1_CFG (MD2_CFG) have to be set
to 1: the interrupt is kept high until the TAP_SRC register is read.
The SINGLE_DOUBLE_TAP bit of WAKE_UP_THS has to be set to 0 in order to enable
single-tap recognition only.
In case (a) of Figure 14 the single-tap event has been recognized, while in case (b) the tap
has not been recognized because the slope data fall under the threshold after the Shock
time window has expired.
Figure 14. Single-tap event recognition
4.5.2
Double tap
If the device is configured for double-tap event detection, an interrupt is generated when,
after a first tap, a second tap is recognized. The recognition of the second tap occurs only if
the event satisfies the rules defined by the Shock, the Latency and the Duration time
windows.
In particular, after the first tap has been recognized, the second tap detection procedure is
delayed for an interval defined by the Quiet time. This means that after the first tap has been
recognized, the second tap detection procedure starts only if the slope data exceed the
threshold after the Quiet window but before the Duration window has expired. In case (a) of
Figure 15, a double-tap event has been correctly recognized, while in case (b) the interrupt
has not been generated because the slope data exceed the threshold after the window
interval has expired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com