Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4650 Datasheet(PDF) 97 Page - STMicroelectronics

Part # AN4650
Description  This document is intended to provide usage information
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4650 Datasheet(HTML) 97 Page - STMicroelectronics

Back Button AN4650 Datasheet HTML 93Page - STMicroelectronics AN4650 Datasheet HTML 94Page - STMicroelectronics AN4650 Datasheet HTML 95Page - STMicroelectronics AN4650 Datasheet HTML 96Page - STMicroelectronics AN4650 Datasheet HTML 97Page - STMicroelectronics AN4650 Datasheet HTML 98Page - STMicroelectronics AN4650 Datasheet HTML 99Page - STMicroelectronics AN4650 Datasheet HTML 100Page - STMicroelectronics AN4650 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 102 page
background image
DocID027415 Rev 1
97/102
AN4650
Temperature sensor
102
9.1
Example of temperature data calculation
Table 77 provides a few basic examples of the data that is read in the temperature data
registers at different ambient temperature values. The values listed in this table are given
under the hypothesis of perfect device calibration (i.e. no offset, no gain error,....).
Table 77. Output data registers content vs. temperature
Temperature values
BLE = 0
BLE = 1
Register address
OUT_TEMP_H
(21h)
OUT_TEMP_L
(20h)
OUT_TEMP_L
(20h)
OUT_TEMP_H
(21h)
0°C
FEh
70h
70h
FEh
25°C
00h
00h
00h
00h
50°C
01h
90h
90h
01h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com