Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83867CS Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # DP83867CS
Description  High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83867CS Datasheet(HTML) 28 Page - Texas Instruments

Back Button DP83867CS Datasheet HTML 24Page - Texas Instruments DP83867CS Datasheet HTML 25Page - Texas Instruments DP83867CS Datasheet HTML 26Page - Texas Instruments DP83867CS Datasheet HTML 27Page - Texas Instruments DP83867CS Datasheet HTML 28Page - Texas Instruments DP83867CS Datasheet HTML 29Page - Texas Instruments DP83867CS Datasheet HTML 30Page - Texas Instruments DP83867CS Datasheet HTML 31Page - Texas Instruments DP83867CS Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 114 page
background image
DP83867CS, DP83867IS, DP83867E
SNLS504 – OCTOBER 2015
www.ti.com
9.4.2.9 Example of Write Operation Using Indirect Register Access
Write register 0x0170 to value 0x0C50.
1. Write register 0x0D to value 0x001F.
2. Write register 0x0E to value 0x0170
3. Write register 0x0D to value 0x401F.
4. Write register 0x0E to value 0x0C50.
This write will disable the output clock on the CLK_OUT pin.
9.4.3 Auto-Negotiation
All 1000BASE-T PHYs are required to support Auto-Negotiation. The Auto-Negotiation function in 1000BASE-T
has three primary purposes:
•
Auto-Negotiation of Speed & Duplex Selection
•
Auto-Negotiation of Master/Slave Resolution
•
Auto-Negotiation of Pause/Asymetrical Pause Resolution
9.4.3.1 Speed/Duplex Selection - Priority Resolution
The Auto-Negotiation function provides a mechanism for exchanging configuration information between the two
ends of a link segment. This mechanism is implemented by exchanging Fast Link Pulses (FLP). FLPs are burst
pulses that provide the signalling used to communicate the abilities between two devices at each end of a link
segment. For further details regarding Auto-Negotiation, refer to Clause 28 of the IEEE 802.3 specification. The
DP83867 supports 1000BASE-T, 100BASE-TX, and 1000BASE-T modes of operation. The process of Auto-
Negotiation ensures that the highest performance protocol is selected (i.e., priority resolution) based on the
advertised abilities of the Link Partner and the local device.
9.4.3.2 Master/Slave Resolution
If 1000BASE-T mode is selected during the priority resolution, the second goal of Auto-Negotiation is to resolve
Master/ Slave configuration. The Master mode priority is given to the device that supports multiport nodes, such
as switches and repeaters. Single node devices such as DTE or NIC card takes lower Master mode priority.
9.4.3.3 Pause and Asymmetrical Pause Resolution
When Full-Duplex operation is selected during priority resolution, the Auto-Negotiation also determines the Flow
Control capabilities of the two link partners. Flow control was originally introduced to force a busy station’s Link
Partner to stop transmitting data in Full-Duplex operation. Unlike Half-Duplex mode of operation where a link
partner could be forced to back off by simply generating collisions, the Full-Duplex operation needed a
mechanism to slow down transmission from a link partner in the event that the receiving station’s buffers are
becoming full. A new MAC control layer was added to handle the generation and reception of Pause Frames.
Each MAC Controller has to advertise whether it is capable of processing Pause Frames. In addition, the MAC
Controller advertises if Pause frames can be handled in both directions, i.e. receive and transmit. If the MAC
Controller only generates Pause frames but does not respond to Pause frames generated by a link partner, it is
called Asymmetrical Pause. The advertisement of Pause and Asymmetrical Pause capabilities is enabled by
writing ‘1’ to bits 10 and 11 of ANAR (register address 0x0004). The link partner’s Pause capabilities is stored in
ANLPAR (register address 0x0005) bits 10 and 11. The MAC Controller has to read from ANLPAR to determine
which Pause mode to operate. The PHY layer is not involved in Pause resolution other than simply advertising
and reporting of Pause capabilities.
28
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com