Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83867CS Datasheet(PDF) 76 Page - Texas Instruments

Click here to check the latest version.
Part # DP83867CS
Description  High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83867CS Datasheet(HTML) 76 Page - Texas Instruments

Back Button DP83867CS Datasheet HTML 72Page - Texas Instruments DP83867CS Datasheet HTML 73Page - Texas Instruments DP83867CS Datasheet HTML 74Page - Texas Instruments DP83867CS Datasheet HTML 75Page - Texas Instruments DP83867CS Datasheet HTML 76Page - Texas Instruments DP83867CS Datasheet HTML 77Page - Texas Instruments DP83867CS Datasheet HTML 78Page - Texas Instruments DP83867CS Datasheet HTML 79Page - Texas Instruments DP83867CS Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 114 page
background image
DP83867CS, DP83867IS, DP83867E
SNLS504 – OCTOBER 2015
www.ti.com
9.6.26 Control Register (CTRL)
Table 37. Control Register (CTRL), Address 0x001F
BIT
BIT NAME
DEFAULT
DESCRIPTION
15
SW_RESET
0, RW, SC
Software Reset:
1 = Perform a full reset, including registers.
0 = Normal operation.
14
SW_RESTART
0, RW, SC
Software Restart:
1 = Perform a full reset, not including registers. .
0 = Normal operation.
13:0
RESERVED
0, RO
RESERVED: Writes ignored, read as 0.
9.6.27 Testmode Channel Control (TMCH_CTRL)
Table 38. Testmode Channel Control (TMCH_CTRL), Address 0x0025
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:8
RESERVED
0x04
RESERVED
7:5
TM_CH_SEL
0x0
Test mode Channel Select.
If bit 7 is set then Test mode is driven on all 4 channels. If bit 7 is
cleared then test modes are driven according to bits 6:5 as follows:
00: Channel A
01: Channel B
10: Channel C
11: Channel D
4:0
RESERVED
0x00
RESERVED
9.6.28 Configuration Register 4 (CFG4)
Table 39. Configuration Register 4 (CFG4), Address 0x0031
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:8
RESERVED
0, RO
RESERVED
7
RESERVED
0, RO
RESERVED
6:5
SGMII_AUTONEG_TIMER
01, RW
SGMII Auto-Negotiation Timer Duration:
11: 11ms
10: 800us
01: 2us
00: 16ms
4:1
RESERVED
1000, RO
RESERVED: Writes ignored, read as 1000.
0
PORT_MIRROR_EN
0, RW
Port Mirror Enable:
1 = Enable port mirroring.
0 = Normal operation
9.6.29 RGMII Control Register (RGMIICTL)
This register provides access to the RGMII controls.
Table 40. RGMII Control Register (RGMIICTL), Address 0x0032
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:8
RESERVED
0, RO
RESERVED: Writes ignored, read as 0.
7
RGMII_EN
1, RW
RGMII Enable:
1 = Enable RGMII interface.
76
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com