Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83867CS Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DP83867CS
Description  High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83867CS Datasheet(HTML) 6 Page - Texas Instruments

Back Button DP83867CS Datasheet HTML 2Page - Texas Instruments DP83867CS Datasheet HTML 3Page - Texas Instruments DP83867CS Datasheet HTML 4Page - Texas Instruments DP83867CS Datasheet HTML 5Page - Texas Instruments DP83867CS Datasheet HTML 6Page - Texas Instruments DP83867CS Datasheet HTML 7Page - Texas Instruments DP83867CS Datasheet HTML 8Page - Texas Instruments DP83867CS Datasheet HTML 9Page - Texas Instruments DP83867CS Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 114 page
background image
DP83867CS, DP83867IS, DP83867E
SNLS504 – OCTOBER 2015
www.ti.com
Table 2. Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NAME
NUMBER
LED_1: By default, this pin indicates that 1000BASE-T link is established.
LED_1
46
S, I/O, PD
Additional functionality is configurable via LEDCR1[7:4] register bits.
LED_0: By default, this pin indicates that link is established. Additional
LED_0
47
S, I/O, PD
functionality is configurable via LEDCR1[3:0] register bits.
MEDIA DEPENDENT INTERFACE
TD_P_A
1
A
Differential Transmit and Receive Signals
TD_M_A
2
A
Differential Transmit and Receive Signals
TD_P_B
4
A
Differential Transmit and Receive Signals
TD_M_B
5
A
Differential Transmit and Receive Signals
TD_P_C
7
A
Differential Transmit and Receive Signals
TD_M_C
8
A
Differential Transmit and Receive Signals
TD_P_D
10
A
Differential Transmit and Receive Signals
TD_M_D
11
A
Differential Transmit and Receive Signals
OTHER PINS
Bias Resistor Connection. A 11 k
Ω +/-1% resistor should be connected from
RBIAS
12
A
RBIAS to GND.
POWER AND GROUND PINS
I/O Power: 1.8V (±5%), 2.5V (±5%) or 3.3V (±5%). Each pin requires a 1µF &
VDDIO
19, 30, 41
P
0.1µF capacitor to GND
1.8V Analog Supply (+/-5%).
No external supply is required for this pin. When unused, no connections
should be made to this pin.
VDDA1P8
13, 48
P
For additional power savings, an external 1.8V supply can be connected to
these pins. When using an external supply, each pin requires a 1µF & 0.1µF
capacitor to GND.
2.5V Analog Supply (+/-5%). Each pin requires a 1µF & 0.1µF capacitor to
VDDA2P5
3, 9
P
GND.
1.0V Analog Supply (+15.5%, -5%). Each pin requires a 1µF & 0.1µF capacitor
VDD1P0
6, 24, 31, 42
P
to GND.
GND
Die Attach Pad
P
Ground
7.1
Unused Pins
DP83867 has internal pull-ups or pull-downs on most pins. The datasheet details which pins have internal pull-
ups or pull-downs, and which pins require external pull resistors.
Even though a device may have internal pull-up or pull-down resistors, a good practice is to terminate unused
inputs, rather than allowing them to float. Floating inputs could result in unstable conditions. Except for VDDA1P8
pins, if they are not used then they should be left floating. It’s considered a safer practice to pull an unused input
pin high or low with a pull-up or pull-down resistor. It is also possible to group together adjacent unused input
pins, and as a group pull them up or down using a single resistor.
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com