| Electronic Components Datasheet Search |
|
MSP430F435IPZ Datasheet(PDF) 43 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F435IPZ Datasheet(HTML) 43 Page - Texas Instruments |
|
43 / 85 page ![]() MSP430x43x, MSP430x44x MIXED SIGNAL MICROCONTROLLER SLAS344A – JANUARY 2002 – REVISED FEBRUARY 2002 43 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 control registers ADC12CTL0 and ADC12CTL1 (continued) rw–(0) rw–(0) rw–(0) rw–(0) 01A2h ADC12CTL1 rw–(0) rw–(0) rw–(0) r–(0) rw–(0) rw–(0) rw–(0) rw–(0) 70 15 8 ADC12SSEL ADC12DIV CSStartAdd rw–(0) rw–(0) rw–(0) rw–(0) CONSEQ SHS ISSH SHP ADC12 BUSY ADC12BUSY 01A2h, bit0 The BUSY signal indicates an active sample and conversion operation. 0: No conversion is active. The enable conversion bit ENC can be reset normally. 1: A sample period. Conversion or conversion sequence is active. CONSEQ 01A2h, bit1/2 Select the conversion mode. Repeat mode is on if CONSEQ.1 (bit 1) is set. 0: One single channel is converted 1: One single sequence of channels is converted 2: Repeating conversion of one single channel 3: Repeating conversion of a sequence of channels ADC12SSEL 01A2h, bit3/4 Selects the clock source for the converter core 0: Internal oscillator embedded in the ADC12 module 1: ACLK 2: MCLK 3: SMCLK ADC12DIV 01A2h, bit5,6,7 Selects the division rate for the clock source selected by ADC12SSEL. The clock-operation signal ADC12CLK is used in the converter core. The conversion, without sampling time, requires 13 ADC12CLK clocks. 0 to 7: Divide the selected clock source by an integer from 1 to 8. ISSH 01A2h, bit8 Invert source for the sample signal 0: The source for the sample signal is not inverted. 1: The source for the sample signal is inverted. SHP 01A2h, bit9 Sample-and-hold pulse, programmable length of sample pulse 0: The sample operation lasts as long as the sample-and-hold signal is 1. The conversion operation starts if the sample-and-hold signal goes from 1 to 0. 1: The sample time (sample signal is high) is defined by nx4x(1/fADC12CLK). SHTx holds the data for n. The conversion starts when the sample signal goes from 1 to 0. SHS 01A2h, bit10/11 Source for sample-and-hold 0: Control bit ADC12SC triggers sample-and-hold followed by the A/D conversion. 1: The trigger signal for sample-and-hold and conversion comes from Timer_A3.EQU1. 2: The trigger signal for sample-and-hold and conversion comes from Timer_B.EQU0. 3: The trigger signal for sample-and-hold and conversion comes from Timer_B.EQU1. CStartAdd 01A2h, bit12 to bit15 Conversion start address CstartAdd is used to define which ADC12 control memory is used to start a (first) conversion. The value of CstartAdd ranges from 0 to 0Fh, corresponding to ADC12MEM0 to ADC12MEM15 and the associated control registers ADC12MCTL0 to ADC12MCTL15. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |