Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F435IPZ Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F435IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F435IPZ Datasheet(HTML) 24 Page - Texas Instruments

Back Button MSP430F435IPZ Datasheet HTML 20Page - Texas Instruments MSP430F435IPZ Datasheet HTML 21Page - Texas Instruments MSP430F435IPZ Datasheet HTML 22Page - Texas Instruments MSP430F435IPZ Datasheet HTML 23Page - Texas Instruments MSP430F435IPZ Datasheet HTML 24Page - Texas Instruments MSP430F435IPZ Datasheet HTML 25Page - Texas Instruments MSP430F435IPZ Datasheet HTML 26Page - Texas Instruments MSP430F435IPZ Datasheet HTML 27Page - Texas Instruments MSP430F435IPZ Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 85 page
background image
ACLK
Auxiliary Clock
PUC
FLL
MCLK
XIN
XOUT
SMCLK
f
DCOCLK =f crystal x D x (N+1)
/1, /2, /4, /8
32.768 kHz
crystal
(XTS_FLL=0)
or
455 kHz
...8 MHz
(XTS_FLL=1)
XTS_FLL
1
0
(f System)
DCO+
Osc
Cap
/1, /2, /4, /8
ACLK/n
P1.5/TACLK/ACLK
FLL_DIV
XT2IN
XT2OUT
455 kHz
...8 MHz
XT2CLK
0
1
SELS
3
2
SELM
0,1
f
crystal
Frequency Integrator
/(N+1)
SCG0
DCO
Modulation
=
f
crystal
OscOff
XT2Off
fDCOCLK = fcrystal x (N+1)
N
DCO
LFXT1 oscillator
XT2 oscillator
fDCOCLK
External Capacitors Required
Eternal Capacitors May or May Not Be
Needed Depending On Crystal Reqquriements.
DCO Fault
LF–Osc. Fault
XT1–Osc. Fault
XT2–Osc. Fault
OFIFG
XTS_FLL
LFOF
XT1OF
DCOF
XT2OF
Set Osc. Fault flag
Oscillator Fault
DCOCLK
† The clock source for MCLK is forced to DCOCLK if the selected clock source for MCLK fails. Failing includes the crystal oscillator has not
started, or stopped working. Note that if MCLK is automaticaly switched to DCLOCK because of a failure, the SELM bits will NOT change. They
will retain their previous setting and should be reset by software.
‡ OscOff bit switches off the LFXT1 oscillator only if the oscillator is unused by MCLK (SELM
≠3 or CPUOff=1)
§ XT2Off bit switches off the XT2 oscillator only if it is unused by MCLK (SELM
≠2 or CPUOff = 1) and SMCLK (SELS=0 or SMCLKOFF=1)
‡
§
†
†
0
1
CPUOff
SMCLKOFF
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com