Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F435IPZ Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F435IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F435IPZ Datasheet(HTML) 27 Page - Texas Instruments

Back Button MSP430F435IPZ Datasheet HTML 23Page - Texas Instruments MSP430F435IPZ Datasheet HTML 24Page - Texas Instruments MSP430F435IPZ Datasheet HTML 25Page - Texas Instruments MSP430F435IPZ Datasheet HTML 26Page - Texas Instruments MSP430F435IPZ Datasheet HTML 27Page - Texas Instruments MSP430F435IPZ Datasheet HTML 28Page - Texas Instruments MSP430F435IPZ Datasheet HTML 29Page - Texas Instruments MSP430F435IPZ Datasheet HTML 30Page - Texas Instruments MSP430F435IPZ Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 85 page
background image
MSP430x43x, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344A – JANUARY 2002 – REVISED FEBRUARY 2002
27
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
brownout, supply voltage supervisor
The brownout circuit detects if a supply voltage is applied to or removed from the VCC terminal and resets the
device appropriately.
The supply voltage supervisor (SVS) circuitry detects if the supply voltage drops to a user selectable level and
supports both supply voltage supervision (the device is automatically reset) and supply voltage monitoring
(SVM, the device is not automatically reset). The SVS circuitry is shown in Figure 4. The initial condition for the
SVS is off to conserve current consumption. The user’s software should enable it when desired.
+
–
Voltage
Reference
of 1.25 V
CC
VCC
VLD
SVSon
PORON
SVSOP SVSFG
G
D
S
Set POR
rw–(0) rw–(0) rw–(0) rw–(0) rw–(0) rr
rw–(0)
SVSCTL
056h
Brownout
AV
CC
NMI
RST/NMI
Set SVSFG
G
D
S
U
G
D
S
U
TCK
Tau ~ 50nS
P1.3/TBOUTH/SVSOut
tReset~ 50uS
Reset
SVSCTL Bits
1
2
3
15
14
13
P6.7/A7/SVSin
Open, if
VLD=0 or VLD=15
’L’ if VLD=0
AV
t(Delay2)~ 50uS
t(Delay1)~ 50uS
Figure 4. Block Diagram of Brownout and Supply Voltage Supervision
The VLD bits control the on/off state of the SVS circuitry. The SVS is off if VLD=0, and on if VLD=1. Bit PORON
enables or disables the automatic reset of the MSP430 upon a low-voltage detection. If PORON=1, a
low-voltage detection generates a POR signal and resets the MSP430. Bit SVSOP is used to watch the actual
SVS comparator output. Bit SVSFG is set as long as a low-voltage situation is detected and remains set until
no low voltage is detected and the software resets it. SVSFG latches such events, whereas SVSOP represents
the actual output of the comparator.
If it is desired to only monitor the supply voltage, but not reset the device if it dips below the determined level,
the user simply resets the PORON bit and sets the level normally. This provides the SVM function. The SVM
function is useful for example, when performing A/D conversions and the user wants to know if the supply
voltage dipped below the minimum operating voltage while the conversion took place.
The SVS circuitry uses hysteresis to reduce sensitivity on voltage drops when the VCC is close to the threshold
level. The hystersis for each SVS level is shown in the table below.
The SVS/SVM has some delay as shown below. The Delay1 is used to avoid erroneous SVS/SVM operation
if it is enabled (VLD changes from 0 to > 0). SVSon bit is L for t(Delay2) whenever the value of VLD (register
SVSCTL) is changed. It is L if VLD = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com