Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F435IPZ Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F435IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F435IPZ Datasheet(HTML) 65 Page - Texas Instruments

Back Button MSP430F435IPZ Datasheet HTML 61Page - Texas Instruments MSP430F435IPZ Datasheet HTML 62Page - Texas Instruments MSP430F435IPZ Datasheet HTML 63Page - Texas Instruments MSP430F435IPZ Datasheet HTML 64Page - Texas Instruments MSP430F435IPZ Datasheet HTML 65Page - Texas Instruments MSP430F435IPZ Datasheet HTML 66Page - Texas Instruments MSP430F435IPZ Datasheet HTML 67Page - Texas Instruments MSP430F435IPZ Datasheet HTML 68Page - Texas Instruments MSP430F435IPZ Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 85 page
background image
MSP430x43x, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344A – JANUARY 2002 – REVISED FEBRUARY 2002
65
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements
12-bit ADC, timing parameters
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
ts(REF_ON)†
Settle time of internal
reference voltage (see
Figure 24 and Note 1)
I(VREF+) = 0.5 mA, C(VREF+) = 10 µF,
VREF+ = 1.5 V, V(AVCC) = 2.2 V
17
ms
f
ADC12DIV=0 [f(ADC12CLK) =
V
2 2 V/3 V
37
63
MH
f(ADC12OSC)
ADC12DIV=0 [f(ADC12CLK) =
f(ADC12OSC)]
VCC = 2.2 V/3 V
3.7
6.3
MHz
t
Con ersion time
AVCC(min)≤V(AVCC)≤AVCC(max),
C(VREF+) ≥ 5µF, internal oscillator,
fOSC = 3.7 MHz to 6.3 MHz
VCC = 2.2 V/3 V
2.06
3.51
µs
tc
Conversion time
AVCC(min) ≤ V(AVCC) ≤ AVCC(max),
External fADC12(CLK) from ACLK or MCLK or SMCLK:
ADC12SSEL
≠ 0
13
×ADC12DIV×
1/fADC12(CLK)
µs
ts(ADC12ON)‡ Settle time of the ADC
AVCC(min) ≤ V(AVCC) ≤ AVCC(max) (see Note 2)
100
ns
t(S
l )
‡
Sampling time
V(AVCC_min) < V(AVCC) <
V(AVCC_max)
Ri(source) = 400 Ω, Zi = 1000 Ω,
VCC = 3 V
1220
ns
t(Sample)‡
Sampling time
Ri(source) = 400 Ω, Zi = 1000 Ω,
Ci = 30 pF
τ = [Ri(source) x+ Zi] x Ci,
(see Note 3)
VCC = 2.2 V
1400
ns
† Not production tested, limits characterized
‡ Not production tested, limits verified by design
NOTES:
1. The condition is that the error in a conversion started after ts(REF_ON) is less than ±0.5 LSB. The settling time depends on the external
capacitive load.
2. The condition is that the error in a conversion started after ts(ADC12ON) is less than ±0.5 LSB. The reference and input signal are
already settled.
3. Ten Tau (
τ) are needed to get an error of less than ±0.5 LSB. t(Sample) = 10 x (Ri + Zi) x Ci + 800 ns
C(VREF+)
1
µF
0
1 ms
10 ms
100 ms
t(REF_ON)
t(REF_ON) ~ 0.66 x C(VREF+) [ms] With C(VREF+) in
µF
100
µF
10
µF
Figure 24. Typical Settling Time of Internal Reference t(REF_ON) vs External Capacitor on VREF+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com