Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F435IPZ Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F435IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F435IPZ Datasheet(HTML) 26 Page - Texas Instruments

Back Button MSP430F435IPZ Datasheet HTML 22Page - Texas Instruments MSP430F435IPZ Datasheet HTML 23Page - Texas Instruments MSP430F435IPZ Datasheet HTML 24Page - Texas Instruments MSP430F435IPZ Datasheet HTML 25Page - Texas Instruments MSP430F435IPZ Datasheet HTML 26Page - Texas Instruments MSP430F435IPZ Datasheet HTML 27Page - Texas Instruments MSP430F435IPZ Datasheet HTML 28Page - Texas Instruments MSP430F435IPZ Datasheet HTML 29Page - Texas Instruments MSP430F435IPZ Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 85 page
background image
MSP430x43x, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344A – JANUARY 2002 – REVISED FEBRUARY 2002
26
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
oscillator and system clock (continued)
D
FN_8
FN_4
7
FN_2
FN_3
2^0
2^ 1
0
SCFI0
050h
7
2^2
2^3
0
SCFI1
051h
2^8
2^6
2^9
2^7
2^4
2^5
rw–0rw–0rw–0rw–0rw–0rw–0
rw–0
rw–0
rw–0rw–0rw–0rw–0rw–0rw–0
rw–0
rw–1
7
2^0
2^1
0
SCFQCTL
052h
2^6
2^4
M
2^5
2^2
2^3
rw–0rw–1rw–1rw–1rw–1rw–1
rw–0
rw–0
7
DCOF
LFOF
0
FLL+CTL0
053h
XTS_FLL
OscCap
XT1OF
rw–0rw–0
rw–0
rw–0
Additional Control Bits in FLL+ vs. FLL in 3xx
r–0r–(1)
r–1
DCO+
N DCO
7
0
FLL+CTL1
054h
r–0r–0rw–(0)
rw–(0)
FLL_DIV
NOTE: DCOF indicates that the upper (NDCO ≥ 28) and lower (NDCO = 0) limit of the DCO
frequency range is used.
XT2OF
XT2OFF
SELM
SELS
rw–(0)
rw–(0)
rw–(0)
rw–(1)
r–0
Additional Control Bits in FLL+ vs. FLL+ in 41x and FLL in 3xx
reserved SMCLK OFF
Figure 3. Registers and Control Bits of FLL+ Oscillator and System Clock
Four oscillator-fault bits, DCOF, XT1OF, LFOF, and XT2OF indicate if the DCO, LFXT1 oscillator-HF mode,
LFXT1 oscillator-LF mode, and XT2 oscillator respectively, are operating properly. The oscillator fault XT1OF
is applicable only if XTS_FLL=1, and LFOF is applicable only if XTS_FLL=0. If one of the four oscillator faults
occurs, the OSCFault signal set the OFIFG flag. An NMI service is requested if the interrupt enable bit OFIE
is set.
WARNING:
The oscillator fault flag is set if the oscillator is inactive. Inactivity can be caused by system
failure such as crystal damage, broken leads, etc., but also if the oscillator is switched on
or switched from nonselected to selected.
The clock signals ACLK, MCLK, and SMCLK can be used externally via port pins.
Different application requirements and system conditions dictate different system clock requirements. The FLL+
clock system supports the following conditions:
D High frequency for quick reaction to system hardware requests or events (DCO/FLL+XT1+XT2)
D Low frequency to minimize current consumption, EMI, etc. (LF)
D Stable peripheral clock for timer applications, such as real-time clock (RTC)
D Enabling of start-stop operation with minimum delay (DCO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com