Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F435IPZ Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F435IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F435IPZ Datasheet(HTML) 53 Page - Texas Instruments

Back Button MSP430F435IPZ Datasheet HTML 49Page - Texas Instruments MSP430F435IPZ Datasheet HTML 50Page - Texas Instruments MSP430F435IPZ Datasheet HTML 51Page - Texas Instruments MSP430F435IPZ Datasheet HTML 52Page - Texas Instruments MSP430F435IPZ Datasheet HTML 53Page - Texas Instruments MSP430F435IPZ Datasheet HTML 54Page - Texas Instruments MSP430F435IPZ Datasheet HTML 55Page - Texas Instruments MSP430F435IPZ Datasheet HTML 56Page - Texas Instruments MSP430F435IPZ Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 85 page
background image
MSP430x43x, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344A – JANUARY 2002 – REVISED FEBRUARY 2002
53
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted)
input frequency – ports P1, P2, P3, P4, P5, and P6
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f(IN)
t(h) t(L)
VCC = 2.2 V
8
MHz
f(IN)
t(h) = t(L)
VCC = 3 V
10
MHz
capture timing _ Timer_A3: TA0, TA1, TA2; Timer_B7: TB0 to TB6
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
P t P2 P4
VCC = 2.2 V/3 V
1.5
Cycle
t(int)
Ports P2, P4:
External trigger signal for the interrupt flag (see Note 1 and Note 2)
VCC = 2.2 V
62
ns
(int)
External trigger signal for the interrupt flag (see Note 1 and Note 2)
VCC = 3 V
50
ns
NOTES:
1. The external signal sets the interrupt flag every time t(int) is met. It may be set even with trigger signals shorter than t(int).
The conditions to set the flag must be met independently of this timing constraint. t(int) is defined in MCLK cycles.
2. The external signal needs additional timing because of the maximum input-frequency constraint.
output frequency
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f
(1
≤ ≤ 60 ≤ ≤ 7)
CL = 20 pF,
VCC = 2.2 V
DC
5
MH
f(Px.y)
(1
≤ x ≤ 6, 0 ≤ y ≤ 7)
CL = 20 F,
IL = ±1.5mA
VCC = 3 V
DC
7.5
MHz
f(ACLK)
P1 1/TA0/MCLK P1 5/TACLK/
f(MCLK)
P1.1/TA0/MCLK, P1.5/TACLK/
ACLK P1 4/TBCLK/SMCLK
CL = 20 pF
f(System)
MHz
f(SMCLK)
ACLK P1.4/TBCLK/SMCLK
CL 20 F
f(System)
MHz
P1.5/TACLK/ACLK,
f(ACLK) = f(LFXT1) = f(XT1)
40%
60%
P1.5/TACLK/ACLK,
CL = 20 pF
f(ACLK) = f(LFXT1) = f(LF)
30%
70%
CL 20 F
VCC = 2.2 V / 3 V
f(ACLK) = f(LFXT1)
50%
P1.1/TA0/MCLK,
f(MCLK) = f(XT1)
40%
60%
t(Xdc)
Duty cycle of output frequency
P1.1/TA0/MCLK,
CL = 20 pF,
VCC = 2.2 V / 3 V
f(MCLK) = f(DCOCLK)
50%–
15 ns
50%
50%+
15 ns
P1.4/TBCLK/SMCLK,
f(SMCLK) = f(XT2)
40%
60%
P1.4/TBCLK/SMCLK,
CL = 20 pF,
VCC = 2.2 V / 3 V
f(SMCLK) = f(DCOCLK)
50%–
15 ns
50%
50%+
15 ns
external interrupt timing
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
P t P1 P2
VCC = 2.2 V/3 V
1.5
Cycle
t(int)
Ports P1, P2:
External trigger signal for the interrupt flag (see Note 3 and Note 4)
VCC = 2.2 V
62
ns
(int)
External trigger signal for the interrupt flag (see Note 3 and Note 4)
VCC = 3 V
50
ns
NOTES:
3. The external signal sets the interrupt flag every time t(int) is met. It may be set even with trigger signals shorter than t(int).
The conditions to set the flag must be met independently of this timing constraint. t(int) is defined in MCLK cycles.
4. The external signal needs additional timing because of the maximum input-frequency constraint.
wake-up LPM3
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f = 1 MHz
6
td(LPM3)
Delay time
f = 2 MHz
VCC = 2.2 V/3 V
6
µs
td(LPM3)
Delay time
f = 3 MHz
VCC 2.2 V/3 V
6
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com