Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F435IPZ Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F435IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F435IPZ Datasheet(HTML) 60 Page - Texas Instruments

Back Button MSP430F435IPZ Datasheet HTML 56Page - Texas Instruments MSP430F435IPZ Datasheet HTML 57Page - Texas Instruments MSP430F435IPZ Datasheet HTML 58Page - Texas Instruments MSP430F435IPZ Datasheet HTML 59Page - Texas Instruments MSP430F435IPZ Datasheet HTML 60Page - Texas Instruments MSP430F435IPZ Datasheet HTML 61Page - Texas Instruments MSP430F435IPZ Datasheet HTML 62Page - Texas Instruments MSP430F435IPZ Datasheet HTML 63Page - Texas Instruments MSP430F435IPZ Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 85 page
background image
MSP430x43x, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344A – JANUARY 2002 – REVISED FEBRUARY 2002
60
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted)
DCO
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
f(DCOCLK)
N(DCO)=01E0h, FN_8=FN_4=FN_3=FN_2=0, D = 2, DCO+= 0
2.2 V/3 V
1
MHz
f
FN 8 FN 4 FN 3 FN 2 0 DCO
1
2.2 V
0.23
0.41
0.82
MH
f(DCO2)
FN_8=FN_4=FN_3=FN_2=0 , DCO+ = 1
3 V
0.3
0.57
1.2
MHz
f
FN 8 FN 4 FN 3 FN 2 0 DCO
1 (see Note 1)
2.2 V
2.25
4
8
MH
f(DCO27)
FN_8=FN_4=FN_3=FN_2=0, DCO+ = 1, (see Note 1)
3 V
3
5.6
11.2
MHz
f
FN_8=FN_4=FN_3=0, FN_2=1; DCO+ = 1
2.2 V
0.45
0.85
1.75
MH
f(DCO2)
FN_8=FN_4=FN_3=0, FN_2=1 DCO+ = 1
3 V
0.6
1.2
2.4
MHz
f
FN 8 FN 4 FN 3 0 FN 2 1 DCO
1 (see Note 1)
2.2 V
4.4
8
16.5
MH
f(DCO27)
FN_8=FN_4=FN_3=0, FN_2=1; DCO+ = 1, (see Note 1)
3 V
6
11
22.5
MHz
f
FN 8 FN4 0 FN3 1FN2 x DCO
1
2.2 V
0.73
1.3
2.7
MHz
f(DCO2)
FN_8=FN_4=0, FN_3= 1, FN_2=x; DCO+ = 1
3 V
1
1.85
3.9
MHz
f
FN 8 FN 4 0 FN 3 1 FN 2
DCO
1 (see Note 1)
2.2 V
6.5
12
24
MH
f(DCO27)
FN_8=FN_4=0, FN_3= 1, FN_2=x;, DCO+ = 1, (see Note 1)
3 V
9
16.5
34
MHz
f
FN 8 0 FN 4 1 FN 3 FN 2
DCO
1
2.2 V
1.1
2.1
4.3
MH
f(DCO2)
FN_8=0, FN_4= 1, FN_3= FN_2=x; DCO+ = 1
3 V
1.6
2.9
6
MHz
f
FN 8 0 FN 4 1 FN 3 FN 2
DCO
1 (see Note 1)
2.2 V
9.5
18
38
MH
f(DCO27)
FN_8=0, FN_4=1, FN_3= FN_2=x; DCO+ = 1, (see Note 1)
3 V
13
25
52
MHz
f
FN 8 1 FN 4 FN 3 FN 2
DCO
1
2.2 V
2.2
4
8.2
MH
f(DCO2)
FN_8=1, FN_4=FN_3=FN_2=x; DCO+ = 1
3 V
3
5.6
12
MHz
f
FN 8 1 FN 4 FN 3 FN 2 x DCO
1 (see Note 1)
2.2 V
17.5
32
65
MHz
f(DCO27)
FN_8=1,FN_4=FN_3=FN_2=x,DCO+ = 1, (see Note 1)
3 V
24
45
94
MHz
S
ff
2 < TAP
≤ 20
1.06
1.13
S
f(NDCO)+1 = f(NDCO)
TAP > 20
1.1
1.17
Dt
Temperature drift, N(DCO) = 01E0h, FN_8=FN_4=FN_3=FN_2=0
2.2 V
–0.2
–0.3
–0.4
%
/_C
Dt
Tem erature drift, N(DCO) = 01E0h, FN_8=FN_4=FN_3=FN_2=0
D = 2, DCO+ = 0, (see Note 2)
3 V
–0.2
–0.3
–0.4
%
/_C
DV
Drift with VCC variation, N(DCO) = 01E0h, FN_8=FN_4=FN_3=FN_2=0
D = 2, DCO+ = 0 (see Note 2)
0
5
15
%/V
NOTES:
1. Please do not exceed the maximum system frequency.
2. This parameter not production tested.
1.8
2.2
3.0
3.6
2.4
f(DCO)
f(DCO3V)
1
–40
0
40
60
20
f(DCO)
f(DCO20
o
C)
1
85
TA – °C
VCC – V
Figure 22. DCO Frequency vs Supply Voltage (VCC) and vs Ambient Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com