Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F435IPZ Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F435IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F435IPZ Datasheet(HTML) 44 Page - Texas Instruments

Back Button MSP430F435IPZ Datasheet HTML 40Page - Texas Instruments MSP430F435IPZ Datasheet HTML 41Page - Texas Instruments MSP430F435IPZ Datasheet HTML 42Page - Texas Instruments MSP430F435IPZ Datasheet HTML 43Page - Texas Instruments MSP430F435IPZ Datasheet HTML 44Page - Texas Instruments MSP430F435IPZ Datasheet HTML 45Page - Texas Instruments MSP430F435IPZ Datasheet HTML 46Page - Texas Instruments MSP430F435IPZ Datasheet HTML 47Page - Texas Instruments MSP430F435IPZ Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 85 page
background image
MSP430x43x, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344A – JANUARY 2002 – REVISED FEBRUARY 2002
44
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
control register ADC12MCTLx and conversion memory ADC12MEMx
All control bits are reset during POR. POR is active after application of VCC, or after a reset condition is applied
to pin RST/NMI. Control registers ADC12MCTL.x can be modified only if enable conversion control bit ENC is
reset. Any instruction that writes to an ADC12MCTLx register while the ENC bit is reset has no effect. A more
detailed description of the control bit functions is found in the ADC12 module description (in the MSP430x3xx
User’s Guide).
There are 16 ADC12MCTLx 8-bit memory control registers and 16 ADC12MEMx 16-bit registers. Each of the
memory control registers is associated with one ADC12MEMx register; for example, ADC12MEM0 is
associated with ADC12MCTL0, ADC12MEM1 is associated with ADC12MCTL1, etc.
080h....08Fh
ADC12MCTLx
rw–(0)
rw–(0)
7
0
INCH, Input Channel a0 to a11
Sref, Source of Reference
EOS
rw–(0)
The control register bits are used to select the analog channel, the reference voltage sources for VR+ and VR–,
and a control signal which marks the last channel in a group of channels. The sixteen 16-bit registers
ADC12MEMx are used to hold the conversion results.
The following illustration shows the conversion-result registers ADC12MEM0 to ADC12MEM15:
0
r0
r0
0140h...015Eh
ADC12MEM
15
12
11
r0
r0
rw–(0)
MSB
LSB
0
0
0
0
rw–(0) rw–(0) rw–(0) rw–(0) rw–(0) rw–(0) rw–(0) rw–(0) rw–(0) rw–(0) rw–(0)
ADC12MEM0
to
0140h, bit0,
The 12 bits of the conversion result are stored in 16 control registers
ADC12MEM0 to ADC12MEM15.
ADC12MEM15
015Eh, bit15
The 12 bits are right-justified and the upper four bits are always read as 0.
ADC12 interrupt flags ADC12IFG.x and enable registers ADC12IEN.x
There are 16 ADC12IFG.x interrupt flags, 16 ADC12IE.x interrupt-enable bits, and one interrupt-vector word.
The 16 interrupt flags and enable bits are associated with the 16 ADC12MEMx registers. For example, register
ADC12MEM0, interrupt flag ADC12IFG.0, and interrupt-enable bit ADC12IE.0 form one conversion-result
block.
ADC12IFG.0 has the highest priority and ADC12IFG.15 has the lowest priority.
All interrupt flags and interrupt-enable bits are reset during POR. POR is active after application of VCC or after
a reset condition is applied to the RST/NMI pin.
ADC12 interrupt vector register
The 12-bit ADC has one interrupt vector for the overflow flag, the timing overflow flag, and 16 interrupt flags.
This vector indicates that a conversion result is stored into registers ADC12MEMx. Handling of the 18 flags is
assisted by the interrupt-vector word. The 16-bit vector word ADC12IV indicates the highest pending interrupt.
The interrupt-vector word is used to add an offset to the program counter so that the interrupt-handler software
continues at the corresponding program location according to the interrupt event. This simplifies the interrupt-
handler operation and assigns each interrupt event the same 5-cycle overhead.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com