Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F435IPZ Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F435IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F435IPZ Datasheet(HTML) 30 Page - Texas Instruments

Back Button MSP430F435IPZ Datasheet HTML 26Page - Texas Instruments MSP430F435IPZ Datasheet HTML 27Page - Texas Instruments MSP430F435IPZ Datasheet HTML 28Page - Texas Instruments MSP430F435IPZ Datasheet HTML 29Page - Texas Instruments MSP430F435IPZ Datasheet HTML 30Page - Texas Instruments MSP430F435IPZ Datasheet HTML 31Page - Texas Instruments MSP430F435IPZ Datasheet HTML 32Page - Texas Instruments MSP430F435IPZ Datasheet HTML 33Page - Texas Instruments MSP430F435IPZ Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 85 page
background image
MSP430x43x, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344A – JANUARY 2002 – REVISED FEBRUARY 2002
30
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
digital I/O (continued)
The seven control registers are:
D Input register
8 bits at ports P1 through P6
D Output register
8 bits at ports P1 through P6
D Direction register
8 bits at ports P1 through P6
D Interrupt edge select
8 bits at ports P1 and P2
D Interrupt flags
8 bits at ports P1 and P2
D Interrupt enable
8 bits at ports P1 and P2
D Selection (port or module)
8 bits at ports P1 through P6
Each of these registers contains eight bits. Two interrupt vectors are implemented: one commonly used for any
interrupt event on ports P1.0 to P1.7, and another commonly used for any interrupt event on ports P2.0 to P2.7.
Ports P3, P4, P5, and P6 have no interrupt capability.
Basic Timer1
The Basic Timer1 (BT1) divides the frequency of SMCLK or ACLK, as selected with the SSEL bit, to provide
low-frequency control signals. This is done within the system by one central divider, the Basic Timer1, to support
low-current applications. The BTCTL control register contains the flags that control or select the different
operational functions. When the supply voltage is applied or when a device is reset (RST/NMI pin), a watchdog
overflow or a watchdog security key violation occurs; all bits in the register hold undefined or unchanged status.
The user software usually configures the operational conditions on the BT during initialization. The Basic Timer1
has two eight-bit timers which can be cascaded to a sixteen-bit timer. Both timers can be read and written by
software. Two bits in the SFR address range handle the system control interaction according to the function
implemented in the Basic Timer1. These two bits are the Basic Timer1 interrupt flag (BTIFG) and the Basic
Timer1 interrupt enable (BTIE) bit.
LCD drive
The liquid crystal displays (LCDs) for static, 2-MUX, 3-MUX, and 4-MUX operation can be driven directly. The
operation of the controller LCD logic is defined by software through memory-bit manipulation. The LCD memory
is part of the LCD module, not part of data memory. Eight mode and control bits define the operation and current
consumption of the LCD drive. The information for the individual digits can be easily obtained using table
programming techniques combined with the proper addressing mode. The segment information is stored into
LCD memory using instructions for memory manipulation.
The drive capability is defined by the external resistor divider that supports analog levels for 2-, 3-, and 4-MUX
operation. Groups of the digital I/O-LCD segment lines can be selected to have either digital I/O or LCD function.
Digital I/Os are selected by default after POR and PUC. The LCD provides four common lines and four terminals
for adjusting the analog levels. The configuration for MSP430x44x and MSP430x43x with 100 pins has
40 segment lines and the configuration for MSP430x43x with 80 pins has 32 segment lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com