Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F435IPZ Datasheet(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F435IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F435IPZ Datasheet(HTML) 62 Page - Texas Instruments

Back Button MSP430F435IPZ Datasheet HTML 58Page - Texas Instruments MSP430F435IPZ Datasheet HTML 59Page - Texas Instruments MSP430F435IPZ Datasheet HTML 60Page - Texas Instruments MSP430F435IPZ Datasheet HTML 61Page - Texas Instruments MSP430F435IPZ Datasheet HTML 62Page - Texas Instruments MSP430F435IPZ Datasheet HTML 63Page - Texas Instruments MSP430F435IPZ Datasheet HTML 64Page - Texas Instruments MSP430F435IPZ Datasheet HTML 65Page - Texas Instruments MSP430F435IPZ Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 85 page
background image
MSP430x43x, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344A – JANUARY 2002 – REVISED FEBRUARY 2002
62
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted) (continued)
crystal oscillator, XT2 oscillator (see Note 1)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
XCIN
Integrated input capacitance
VCC = 2.2 V/3 V
2
pF
XCOUT
Integrated output capacitance
VCC = 2.2 V/3 V
2
pF
XINL
Input levels at XIN XOUT
VCC 2 2 V/3 V
VSS
0.2
× VCC
V
XINH
Input levels at XIN, XOUT
VCC = 2.2 V/3 V
0.8
× VCC
VCC
V
NOTE 1: The oscillator needs capacitors at both terminals, with values specified by the crystal manufacturer.
USART0, USART1 (see Note 2)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
t( )
USART0/1: deglitch time
VCC = 2.2 V
200
430
800
ns
t(
τ)
USART0/1: deglitch time
VCC = 3 V
150
280
500
ns
NOTE 2: The signal applied to the USART0/1 receive signal/terminal (URXD0/1) should meet the timing requirements of t
(t) to ensure that the
URXS flip-flop is set. The URXS flip-flop is set with negative pulses meeting the minimum-timing condition of t
(t). The operating
conditions to set the flag must be met independently from this timing constraint. The deglitch circuitry is active only on negative
transitions on the URXD0/1 line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com