Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F435IPZ Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F435IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F435IPZ Datasheet(HTML) 49 Page - Texas Instruments

Back Button MSP430F435IPZ Datasheet HTML 45Page - Texas Instruments MSP430F435IPZ Datasheet HTML 46Page - Texas Instruments MSP430F435IPZ Datasheet HTML 47Page - Texas Instruments MSP430F435IPZ Datasheet HTML 48Page - Texas Instruments MSP430F435IPZ Datasheet HTML 49Page - Texas Instruments MSP430F435IPZ Datasheet HTML 50Page - Texas Instruments MSP430F435IPZ Datasheet HTML 51Page - Texas Instruments MSP430F435IPZ Datasheet HTML 52Page - Texas Instruments MSP430F435IPZ Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 85 page
background image
MSP430x43x, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344A – JANUARY 2002 – REVISED FEBRUARY 2002
49
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNITS
Supply voltage during program execution,
VCC (AVCC = DVCC2 = VCC)
MSP430F43x,
MSP430F44x
1.8
3.6
V
Supply voltage during flash memory programming, VCC
(AVCC = DVCC2 = VCC)
MSP430F43x,
MSP430F44x
2.7
3.6
V
Supply voltage during program execution, SVS enabled (see
Note 1),
VCC (VCC = DVCC = VCC)
MSP430F43x,
MSP430F44x
2
3.6
V
Supply voltage, VSS
0
0
V
Operating free-air temperature range, TA
MSP430x43x
MSP430x44x
–40
85
°C
LF selected,
XTS_FLL=0
Watch crystal
32.768
kHz
LFXT1 crystal frequency, f(LFXT1)
(see Note 2)
XT1 selected,
XTS_FLL=1
Ceramic resonator
450
8000
kHz
(see Note 2)
XT1 selected,
XTS_FLL=1
Crystal
1000
8000
kHz
XT2 cr stal freq enc
f
Ceramic resonator
450
8000
kH
XT2 crystal frequency, f(XT2)
Crystal
1000
8000
kHz
Processor freq enc (signal MCLK) f
VCC = 1.8 V
DC
4.15
MH
Processor frequency (signal MCLK), f(System)
VCC = 3.6 V
DC
8
MHz
Flash-timing-generator frequency, f(FTG)
MSP430F43x,
MSP430F44x
257
476
kHz
Cumulative program time, t(CPT) (see Note 3)
VCC = 2.7 V/3.6 V
MSP430F43x
MSP430F44x
3
ms
Mass erase time, t(MEras) (See also the flash memory, timing
generator, control register FCTL2 section, see Note 4)
VCC = 2.7 V/3.6 V
200
ms
Low-level input voltage (TCK, TMS, TDI, RST/NMI), VIL
(excluding Xin, Xout)
VCC = 2.2 V/3 V
VSS
VSS + 0.6
V
High-level input voltage (TCK, TMS, TDI, RST/NMI), VIH
(excluding Xin, Xout)
VCC = 2.2 V/3 V
0.8
× VCC
VCC
V
Input levels at Xin and Xout
VIL(Xin, Xout)
VCC = 2.2 V/3 V
VSS
0.2
× VSS
V
Input levels at Xin and Xout
VIH(Xin, Xout)
0.8
× VCC
VCC
NOTES:
1. The minimum operating supply voltage is defined according to the trip point where POR is going active by decreasing the supply
voltage. POR is going inactive when the supply voltage is raised above the minimum supply voltage plus the hysteresis of the SVS
circuitry.
2. In LF mode, the LFXT1 oscillator requires a watch crystal. In XT1 mode, LFXT1 accepts a ceramic resonator or a crystal.
3. The cumulative program time must not be exceeded during a segment-write operation. This parameter is only relevant if segment
write option is used.
4. The mass erase duration generated by the flash timing generator is at least 11.1 ms. The cumulative mass erase time needed is
200 ms. This can be achieved by repeating the mass erase operation until the cumulative mass erase time is met (a minimum of
19 cycles may be required).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com