Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA400A Datasheet(PDF) 62 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 58Page - STMicroelectronics STA400A Datasheet HTML 59Page - STMicroelectronics STA400A Datasheet HTML 60Page - STMicroelectronics STA400A Datasheet HTML 61Page - STMicroelectronics STA400A Datasheet HTML 62Page - STMicroelectronics STA400A Datasheet HTML 63Page - STMicroelectronics STA400A Datasheet HTML 64Page - STMicroelectronics STA400A Datasheet HTML 65Page - STMicroelectronics STA400A Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 117 page
background image
STA400A
62/117
OivlLenAMSSFail_M
- Observation Interval Length
This register sets the length of observation interval of the register “
OivlAMSSFail” (Addr: 0x0144/45).
;
MCM Frame length:
TMF=7,2 msec
b11-b0:
0x086
-> Interval (Tivl) = 1.0 sec
0x2B6 -> Interval (Tivl) = 5.0 sec
0x56C -> Interval (Tivl) = 10.0 sec
0x823
-> Interval (Tivl) = 15.0 sec
0xAD9 -> Interval (Tivl) = 20.0 sec
0xFFF -> Interval (Tivl) = 29.5 sec
WinJpLimit_M
- Maximum Allowed Window Jump
jp_limit = TJP/TS ; Sample Frequency fS=5.98 MHz ; TS=0.167 µsec
b10-b0:
0x003
-> Jump (Tjp) = 0.5 usec
0x01E -> Jump (Tjp) =
5.0 usec
0x03C -> Jump (Tjp) = 10.0 usec
0x05A -> Jump (Tjp) = 15.0 usec
0x078
-> Jump (Tjp) = 20.0 usec
0x168
-> Jump (Tjp) = 60.0 usec
JpLimitEvt_M
- Jump Limit Events Counter
Type:
MultiBytes - R/W
Word Length:
12
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
OivlLenAMSSFail2_M
0196
11-8
0F
OivlLenAMSSFail1_M
0195
7-0
8B
Type:
MultiBytes - R/W
Word Length:
11
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
WinJpLimit2_M
0198
10-8
00
WinJpLimit1_M
0197
7-0
03
Type:
SingleByte - PR
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
JpLimitEvt_M
019A
7-0
00
O ivl Len
T
ivl
T
MF
-----------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com