Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA400A Datasheet(PDF) 95 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 95 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 91Page - STMicroelectronics STA400A Datasheet HTML 92Page - STMicroelectronics STA400A Datasheet HTML 93Page - STMicroelectronics STA400A Datasheet HTML 94Page - STMicroelectronics STA400A Datasheet HTML 95Page - STMicroelectronics STA400A Datasheet HTML 96Page - STMicroelectronics STA400A Datasheet HTML 97Page - STMicroelectronics STA400A Datasheet HTML 98Page - STMicroelectronics STA400A Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 117 page
background image
95/117
STA400A
b7:
Sat2 Lock indicator interrupt masked
0=disabled; 1=enabled.
b6:
Sat1 Lock indicator interrupt masked
0=disabled; 1=enabled.
b5:
MFP_CLK interrupt masked (5 msec impulse sync)
0=disabled; 1=enabled.
b4:
MFP_CLK interrupt masked (level)
0=disabled; 1=enabled.
b3:
IIC-bus illegal address masked
0=disabled; 1=enabled.
b2:
TDM interrupt masked
0=disabled; 1=enabled.
b1:
FEC interrupt masked
0=disabled; 1=enabled.
b0:
MCM interrupt masked
0=disabled; 1=enabled.
Note: bit5 and bit4 cannot be used togheter, i.e. if bit5 is used the bit4 must be masked and viceversa. If both
are enabled, bit4 will be sent to INTR pin.
IRQ1_STATUS - Interrupt Status Register
This register represents the interrupt vector when the INTR pin is activated (HIGH level active). It can be reset
after read if the bit0 (IRQ_RST_CTRL) of the CONTROL register is set to ‘1’ or a single bit can be reset directly
writing ‘0’.
b7:
Interrupt request from Sat2 lock indicator (high active);
b6:
Interrupt request from Sat1 lock indicator (high active);
b5:
Interrupt request from MFP_CLK (5 msec impulse continuos sync signal);
Bit5 is generated from the MFP_CLK and is a 432msec period signal with ~1.16% duty-cycle
(5msec/432msec); there is no need to reset bit5 by the interrupt routine.
b4:
Interrupt request from MFP_CLK (high active).
Bit4 is activated by the positive edge of the MFP_CLK and is a high level signal; the interrupt routing
must reset this bit.
b3:
Interrupt request from IIC-bus illegal address
(high active);
b2:
Interrupt request from TDM
(high active);
b1:
Interrupt request from FEC
(high active);
b0:
Interrupt request from MCM
(high active).
STATUS1 - CDEC Status Register
This register represents the interrupt vector when the INTR pin is activated (HIGH level active). It can be reset
after read if the bit0 (IRQ_RST_CTRL) of the CONTROL register is set to ‘1’ or a single bit can be reset directly
writing ‘0’.
b7-b4:
Reserved for Future Use
Type:
SingleByte - PR
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
IRQ1_STATUS
0419
7-0
00
Type:
SingleByte - R
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
STATUS1
041F
7-0
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com