Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA400A Datasheet(PDF) 57 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 53Page - STMicroelectronics STA400A Datasheet HTML 54Page - STMicroelectronics STA400A Datasheet HTML 55Page - STMicroelectronics STA400A Datasheet HTML 56Page - STMicroelectronics STA400A Datasheet HTML 57Page - STMicroelectronics STA400A Datasheet HTML 58Page - STMicroelectronics STA400A Datasheet HTML 59Page - STMicroelectronics STA400A Datasheet HTML 60Page - STMicroelectronics STA400A Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 117 page
background image
57/117
STA400A
EpocCarriers_M
- Number of Carrier for Error Phase Offset Correction
Shows the number of utilized active sub-carriers to compute EPOC correction phasor for current MCM symbol.
Number can range from 0 to 636 (=0x27C).
EpocRotRe_M
- Error Phase Offset Correction Phasor (Real Part)
Real part of EPOC correction phasor. The value is in 2’s complement with a range from -1 to 1 – 2-7 quantized with 8 bits.
EpocRotIm_M
- Error Phase Offset Correction Phasor (Imaginary Part)
Imaginary part of EPOC correction phasor. The value is in 2’s complement with a range from -1 to 1 – 2-7 quan-
tized with 8 bits.
PSFrameCnt_M
- Frame Counter in Pre Sync State
Counter of frames during presync state
PS_NoAMSSCnt_M
- Frame Counter Without AMSS Detection
AMSSFailCnt_M
- Sequent Frame Counter Without AMSS Detection
Counter of sequent frames without AMSS detection during sync state. It will be reset after one succesfull detec-
tion
Type:
MultiBytes - R
Word Length:
10
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
EpocCarriers2_M
013D
9-8
--
EpocCarriers1_M
013C
7-0
--
Type:
SingleByte - R
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
EpocRotRe_M
013E
7-0
--
Type:
SingleByte - R
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
EpocRotIm_M
013F
7-0
--
Type:
SingleByte - R
Word Length:
4
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
PSFrameCnt_M
0140
3-0
--
Type:
SingleByte - R
Word Length:
3
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
PS_NoAMSSCnt_M
0141
2-0
--
Type:
MultiBytes - R
Word Length:
16
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
AMSSFailCnt2_M
0143
15-8
--
AMSSFailCnt1_M
0142
7-0
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com