Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA400A Datasheet(PDF) 88 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 88 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 84Page - STMicroelectronics STA400A Datasheet HTML 85Page - STMicroelectronics STA400A Datasheet HTML 86Page - STMicroelectronics STA400A Datasheet HTML 87Page - STMicroelectronics STA400A Datasheet HTML 88Page - STMicroelectronics STA400A Datasheet HTML 89Page - STMicroelectronics STA400A Datasheet HTML 90Page - STMicroelectronics STA400A Datasheet HTML 91Page - STMicroelectronics STA400A Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 117 page
background image
STA400A
88/117
the RS Error Counter.
b0 :
Error counter control
‘0’= Continuos acquisition;
‘1’= Single acquisition.
RS_ByteCnt_F
- RS Byte Corrected Error Counter
This register is 14 bits long and is divided into two bytes. The LSB byte is named RS _ByteCnt1, the MSB byte
is named RS_ByteCnt2. It cointains the number of the corrected RS bytes with unsigned format.
RS_FrameCnt_F
- Corrupted RS Block Counter
This register is 10 bits long and is divided into two bytes. The LSB byte is named RS _FrameCnt1, the MSB
byte is named RS _FrameCnt2. It cointains the number of the corrupted RS blocks with unsigned format.
InitSeq_F
- Viterbi Decoder Initialization Sequence
The Viterbi decoder is initialized with the PRC preamble (hex 1D)
RS1_TerrByteErr_F
- Terrestrial RS Block1 Error Register
b4-b0 : 0x00 ->
No Errors
Type:
SingleByte - WRT
Word Length:
1
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
RS_Cnt_F
0332
0
01
Type:
MultiBytes - R
Word Length:
14
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
RS_ByteCnt2_F
0336
13-8
--
RS_ByteCnt1_F
0335
7-0
--
Type:
MultiBytes - R
Word Length:
10
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
RS_FrameCnt2_F
0338
9-8
--
RS_FrameCnt1_F
0337
7-0
--
Type:
SingleByte - R/W
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
InitSeq_F
0340
7-0
1D
Type:
SingleByte - R
Word Length:
5
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
RS1_TerrByteErr_F
0342
4-0
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com