Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA400A Datasheet(PDF) 65 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 61Page - STMicroelectronics STA400A Datasheet HTML 62Page - STMicroelectronics STA400A Datasheet HTML 63Page - STMicroelectronics STA400A Datasheet HTML 64Page - STMicroelectronics STA400A Datasheet HTML 65Page - STMicroelectronics STA400A Datasheet HTML 66Page - STMicroelectronics STA400A Datasheet HTML 67Page - STMicroelectronics STA400A Datasheet HTML 68Page - STMicroelectronics STA400A Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 117 page
background image
65/117
STA400A
MfpLength_S1 - Sat1 TDM Decoding Extended MFP Detection Window Length
Once the MFP is found the subsequent appearance is scanned within this symmetric window around the MFP's
predicted position on the soft-symbol stream.
MfpThr_S1 - Sat1 TDM Decoding Extended MFP Detection Threshold
Threshold of the extended MFP correlation determining extended MFP detection if reached or exceeded.
SyncLength_S1 - Sat1 TDM Decoding Synchronization Window Length
Number of (predicted) subsequent extended MFP positions which are evaluated to determine the status of the
MFP synchronization.
PreSyncThr_S1 - Sat1 TDM Decoding Pre-Synchronization Lost Threshold
Number of undetected extended MFP's within the TDM decoding synchronization window, forcing the TDM syn-
chronization to reenter the initial synchronization procedure searching the extended MFP on the entire soft-sym-
bol stream. . Value 0x00 disables loss of lock.
SyncThr_S1 - Sat1 TDM Decoding Synchronization Lost Threshold
Number of subsequent undetected extended MFP's while being sychronized, forcing the TDM synchronization
to reenter the initial synchronization procedure searching the extended MFP on the entire soft-symbol stream.
(Long range drop-out condition).
Type:
SingleByte - R/W
Word Length:
4
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
MfpLength_S1
0205
3-0
0F
Type:
SingleByte - R/W
Word Length:
7
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
MfpThr_S1
0206
6-0
44
Type:
SingleByte - R/W
Word Length:
4
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
SyncLength_S1
0207
3-0
03
Type:
SingleByte - R/W
Word Length:
4
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
PreSyncThr_S1
0208
3-0
02
Type:
SingleByte - R/W
Word Length:
4
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
SyncThr_S1
0209
3-0
0B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com