Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA400A Datasheet(PDF) 86 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 86 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 82Page - STMicroelectronics STA400A Datasheet HTML 83Page - STMicroelectronics STA400A Datasheet HTML 84Page - STMicroelectronics STA400A Datasheet HTML 85Page - STMicroelectronics STA400A Datasheet HTML 86Page - STMicroelectronics STA400A Datasheet HTML 87Page - STMicroelectronics STA400A Datasheet HTML 88Page - STMicroelectronics STA400A Datasheet HTML 89Page - STMicroelectronics STA400A Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 117 page
background image
STA400A
86/117
InitTerm_F
- Termination Sequence After Flush Operation
Sequence after flush operation for termination of Viterbi decoder. The upper 8 bits have to be the PRC preamble
1D(hex) in ascending order (b12..b19).
VitBerCtrl_F
- Viterbi BER Measurements Control
b3 :
fvd_csat_ber_mode ‘0’= Sat. measurment as single acquisition
‘1’= Sat. measurement as continuous acquisition
b2 :
fvd_csat_ber_en
‘0’= Sat. BER measurement disabled
‘1’= Sat BER measurement enabled
b1 :
fvd_terr_ber_mode ‘0’= Terr. measurment as single acquisition
‘1’= Terr. measurement as continuous acquisition
b0 :
fvd_terr_ber_en
‘0’= Terr. BER measurement disabled
‘1’= Terr. BER measurement enabled
TerrBer_F
- Terrestrial Channel Bit Error Rate
The terrestrial channel error rate states the number of channel symbol errors which where determined within
one PRC packet by reencoding of the Viterbi-decoded terrestrial data stream. A new measurement is indicated
by the signal terr_ber_done which is comprised in the interrupt vector (addr. 0x0350)
Sat1Ber_F
- Satellite 1 Channel Bit Error Rate
The Sat1 channel error rate states the number of channel symbol errors which where determined within one
PRC packet by reencoding of the Viterbi-decoded Sat1 data stream. A new measurement is indicated by the
Type:
MultiBytes - R/W
Word Length:
20
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
InitTerm3_F
030C
19-16
0B
InitTerm2_F
030B
15-8
80
InitTerm1_F
030A
7-0
00
Type:
SingleByte - R/W
Word Length:
4
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
VitBerCtrl_F
0310
3-0
0F
Type:
MultiBytes - R
Word Length:
12
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
TerrBer2_F
0321
11-8
--
TerrBer1_F
0320
7-0
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com