| Electronic Components Datasheet Search |
|
STA400A Datasheet(PDF) 84 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA400A Datasheet(HTML) 84 Page - STMicroelectronics |
|
84 / 117 page ![]() STA400A 84/117 TDM soft-symbol stream within a medium range dropout condition. 2.5 FEC Control_F - FEC Control Register The control flags enable the corresponding operation if set, otherwise the operation is disabled. The flags fec_en and fec_prep enable the operation of the FEC and FEC Preprocessing. Weighting of the two satellite data streams is performed only when wgt_en=1, otherwise the data from the memory are not weighted. The flags terr_format and sat_format determine the Viterbi input data format for both terrestrial and satellite data streams. As only one Viterbi Decoder is applied both flags have to be equal. The Viterbi flush operation is enabled at the end of a PRC packet when vd_flush_on=1. b5 : vd_flush_on ‘0’= VD flush disabled ‘1’= VD flush enabled b4 : sat_format ‘0’= satellite data in two’s complement (Viterbi input) ‘1’= satellite data in offset binary (Viterbi input) b3 : terr_format ‘0’= terrstrial data in two’s complement (Viterbi input) ‘1’= terrestrial data in offset binary (Viterbi input) b2 : wgt_en ‘0’= Satellite Weighting disabled ‘1’= Satellite Weighting enabled b1 : fec_prep_en ‘0’= FEC Preprocessing disabled ‘1’= FEC Preprocessing enabled b0 : fec_en ‘0’= FEC disabled ‘1’= FEC enabled Status_F - FEC Status Register The status vector comprises the status flags of the sub-modules of the FEC Processing. An inactive module is indicated by status=0, an active module by status=1 b3 : FEC Preprocessing ‘0’= FEC Preprocessing inactive Type: SingleByte - R/W Word Length: 3 Byte Name Address (Hex) Bit Map Reset Value (Hex) FspSecuAlignThr_S2 02CB 2-0 03 Type: SingleByte - R/W Word Length: 6 Byte Name Address (Hex) Bit Map Reset Value (Hex) Control_F 0300 5-0 3F Type: SingleByte - R Word Length: 4 Byte Name Address (Hex) Bit Map Reset Value (Hex) Status_F 0301 3-0 -- |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |