Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA400A Datasheet(PDF) 90 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 90 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 86Page - STMicroelectronics STA400A Datasheet HTML 87Page - STMicroelectronics STA400A Datasheet HTML 88Page - STMicroelectronics STA400A Datasheet HTML 89Page - STMicroelectronics STA400A Datasheet HTML 90Page - STMicroelectronics STA400A Datasheet HTML 91Page - STMicroelectronics STA400A Datasheet HTML 92Page - STMicroelectronics STA400A Datasheet HTML 93Page - STMicroelectronics STA400A Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 117 page
background image
STA400A
90/117
...
0x10 ->
16 byte errors corrected
0x1F ->
Uncorrectable errors
RS_Block_decis_F
- Status of the Last RS Diversity Decision
b1-b0 : 00 =
Satellite Path selected for current frame
01 =
Terrestrial Path selected for current frame
10 =
Undefined
01 =
Undefined
IrqMask_F
- FEC Interrupt Mask
This register masks the interrupt request when a ‘0’ is written in the relative bit.
b4 :
interrupt mask for rs_cnt_end
b3 :
interrupt mask for sat2_ber_done
b2 :
interrupt mask for sat1_ber_done
b1 :
interrupt mask for terr_ber_done
b0 :
interrupt mask for fec_irq_status
IrqStatus_F
- FEC Interrupt Status
This is the interrupt status vector. When a bit means that an interrupt is requested by the corresponding block.
To reset a single bit, a ‘0’ must be written into. ‘0x00’ resets the complete vector.
b4 :
rs_cnt_end
interrupt for new RS error count measurement
b3 :
sat2_ber_done interrupt for new Sat2 BER measurement sat2_ber
b2 :
sat1_ber_done interrupt for new Sat1 BER measurement sat1_ber
b1 :
terr_ber_done
interrupt for new terr. BER measurement terr_ber
b0 :
fec_irq_status
interrupt signal from FEC Management
Type:
SingleByte - R
Word Length:
2
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
RS_Status_decis_F
0346
1-0
--
Type:
SingleByte - INT
Word Length:
5
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
IrqMask_F
0350
4-0
00
Type:
SingleByte - INT
Word Length:
5
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
IrqStatus_F
0351
4-0
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com