Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA400A Datasheet(PDF) 34 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 30Page - STMicroelectronics STA400A Datasheet HTML 31Page - STMicroelectronics STA400A Datasheet HTML 32Page - STMicroelectronics STA400A Datasheet HTML 33Page - STMicroelectronics STA400A Datasheet HTML 34Page - STMicroelectronics STA400A Datasheet HTML 35Page - STMicroelectronics STA400A Datasheet HTML 36Page - STMicroelectronics STA400A Datasheet HTML 37Page - STMicroelectronics STA400A Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 117 page
background image
STA400A
34/117
Relative
Address
(Hex)
Register
Name
WL
Type
Reset
Value
(Hex)
Comment
23
FspW_im_S1
7
r
--
satellite one TDM decoding FSP correlation weight,
imaginary part
24
FspPhase_S1
2
r
--
satellite one TDM decoding phase
25
MfpLock_S2
7
r
--
satellite two TDM decoding status
26
MfpLost_S2
4
r
--
satellite two TDM decoding extended MFP counter
28
MfpW_re_S2
8
r
--
satellite two TDM decoding extended MFP
correlation weight, real part
29
MfpW_im_S2
8
r
--
satellite two TDM decoding extended MFP
correlation weight, imaginary part
2A
FspW_re_S2
7
r
--
satellite two TDM decoding FSP correlation weight,
real part
2B
FspW_im_S2
7
r
--
satellite two TDM decoding FSP correlation weight,
imaginary part
2C
FspPhase_S2
2
r
--
satellite two TDM decoding phase
2D
TdmEnable_T
5
wr
1F
terrestrial TDM decoding block enable
2E
MfpLength_T
4
wr
07
terrestrial TDM decoding MFP detection window
length
2F
MfpThrPreSync_T
7
wr
2C
terrestrial TDM decoding MFP detection threshold,
pre-synchronization
30
MfpThrSync_T
7
wr
28
terrestrial TDM decoding MFP detection threshold,
synchronization
31
SyncLength_T
5
wr
03
terrestrial TDM decoding TDM synchronization
window length
32
SyncThr_T
4
wr
02
terrestrial TDM decoding TDM synchronization
found threshold
33
SyncLost_T
4
wr
0B
terrestrial TDM decoding TDM synchronization lost
threshold
34
Scrambler1_T
8
wr
05
terrestrial TDM decoding scrambling polynomial
35
Scrambler2_T
4
wr
08
36
DataFormat_T
4
wr
00
terrestrial TDM decoding data formatting
37
TdmStatus_T
3
r
--
terrestrial TDM decoding status
39
MfpLost_T
4
r
--
terrestrial TDM decoding MFP correlation lost
3A
MfpW_re_T
8
r
--
terrestrial TDM decoding MFP correlation weight,
real part
3B
MfpW_im_T
8
r
--
terrestrial TDM decoding MFP correlation weight,
imaginary part
3C
TdmPhase_T
2
r
--
terrestrial TDM decoding TDM phase
3F
TdmSyncCtrl_T
1
wr
01
terrestrial TDM decoding synchronization control
40
SwfgEnable_S
8
wr
FF
satellite weighting factor generation block enable
41
SwfgStatus_S
2
r
--
satellite weighting factor generation status
50
Prc_En
3
wr
00
0: TDM PRC interface block enable; 2:1 TDM PRC
interface PRC source
Table 6. TDM (Section 1) (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com