Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA400A Datasheet(PDF) 59 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 55Page - STMicroelectronics STA400A Datasheet HTML 56Page - STMicroelectronics STA400A Datasheet HTML 57Page - STMicroelectronics STA400A Datasheet HTML 58Page - STMicroelectronics STA400A Datasheet HTML 59Page - STMicroelectronics STA400A Datasheet HTML 60Page - STMicroelectronics STA400A Datasheet HTML 61Page - STMicroelectronics STA400A Datasheet HTML 62Page - STMicroelectronics STA400A Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 117 page
background image
59/117
STA400A
CorrMaxAkt_M
- Actual Maximum Correlation Inside Channel Window
This value stores the actual weighted maximum correlation value inside the channel window
CorrMaxPos_M
- Actual Correlation Position Inside Frame Window
This value stores the actual position inside the channel window of weighted maximum correlation value:
PosShift_M
- Shift After History Checking
WinJump_M
- Window Jump
NCOInc_M
- NCO Increment
The register provides the current NCO increment. The value is in 2’s complement with a resolution of 5.703 Hz
per LSB. This corresponds to a maximum control range of ± 216 * 5.703 Hz= ± 373.75 kHz (± 156 ppm @ 2.4
GHz).
Type:
SingleByte - R
Word Length:
7
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
CorrMaxAkt_M
0150
6-0
--
Type:
MultiBytes - R
Word Length:
11
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
CorrMaxPos2_M
0152
10-8
--
CorrMaxPos1_M
0151
7-0
--
Type:
MultiBytes - R
Word Length:
12
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
PosShift2_M
0154
11-8
--
PosShift1_M
0153
7-0
--
Type:
MultiBytes - R
Word Length:
11
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
WinJump2_M
0156
10-8
--
WinJump1_M
0155
7-0
--
Type:
MultiBytes - R
Word Length:
17
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
NCOInc3_M
0162
16
--
NCOInc2_M
0161
15-8
--
NCOInc1_M
0160
7-0
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com